Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4562EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4562EEE
Description  Serially Controlled, Clickless Audio/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4562EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4562EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4562EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4562EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4562EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4562EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4562EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4562EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4562EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4562EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Serially Controlled, Clickless
Audio/Video Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND ................................................................-0.3V to +6V
NO_ _, COM_, DOUT to GND (Note 1) ........-0.3V to (V+ + 0.3V)
SCL, SDA, CS, SCLK, DIN, A0, A1 to GND..............-0.3V to +6V
Continuous Current into Any Terminal..............................±20mA
Peak Current (NO_ _, COM_ pulsed at 1ms,
10% duty cycle max) .....................................................±50mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)............667mW
Operating Temperature Ranges
MAX456_CEE....................................................0°C to +70°C
MAX456_EEE .................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VNO_ _ = 4.5V, 1V;
VCOM_ = 1V, 4.5V;
V+ = 5.25V
ICOM_ = 4mA;
VNO_ _ = 1V, 2V, 3V;
V+ = 4.75V
ICOM_ = 4mA,
VNO_ _ = 3V,
V+ = 4.75V
CONDITIONS
V
0V+
VNO_ _,
VCOM_
ANALOG SWITCHES
Analog Signal Range (Note 3)
nA
-1
0.001
1
INO_ _(OFF)
NO_ _ Off-Leakage
Current (Note 6)
Ω
2
5
RFLAT
On-Resistance
Flatness (Note 5)
Ω
20
30
RON
On-Resistance
40
Ω
35
∆RON
On-Resistance Match
Between Channels (Note 4)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
COM_ Off-Leakage
Current (Note 6)
ICOM_(OFF)
VCOM_ = 1V, 4.5V;
VNO_ _ = 4.5V, 1V;
V+ = 5.25V
-1
0.001
1
nA
COM_ On-Leakage
Current (Note 6)
ICOM_(ON)
VCOM_ = 4.5V, 1V;
VNO_ _ = 4.5V, 1V, or
floating; V+ = 5.25V
-1
0.002
1
nA
Total Harmonic Distortion
plus Noise
THD+N
fIN = 1kHz, VNO_ _ =
1VRMS, VNO_ _ = 2.5V
0.07
%
Channel-to-Channel Crosstalk
VCT(A)
VNO_ _ = 1VRMS, fIN = 20kHz, RS = 600Ω,
Figure 1
-85
dB
ICOM_ = 4mA,
VNO_ _ = 3V,
V+ = 4.75V
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
7
TA = TMIN to TMAX
TA = TMIN to TMAX
7
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
-10
10
-10
10
-10
10
Note 1: Signals on NO_ _ or COM_ exceeding V+ or ground are clamped by internal diodes. Limit forward-diode current to maxi-
mum current rating.
Off-Isolation (Note 7)
VISO(A)
VNO_ _ = 1VRMS, fIN = 20kHz, RL = 600Ω,
Figure 1
-85
dB
RL = 600Ω
ANALOG SWITCHES
RL =10kΩ
0.006
AUDIO PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com