Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4544ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4544ESA
Description  Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4544ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4544ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4544ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4544ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4544ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4544ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4544ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4544ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4544ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4544ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Low-Voltage, Single-Supply
Dual SPST/SPDT Analog Switches
2
_______________________________________________________________________________________
Voltage Referenced to GND
V+ .........................................................................-0.3V to +13V
IN_, COM_, NC_, NO_ (Note 1)..................-0.3V to (V+ + 0.3V)
Continuous Current (any terminal)....................................±10mA
Peak Current, COM_, NO_, NC_
(pulsed at 1ms, 10% duty cycle max) ............................±20mA
ESD per Method 3015.7 ..................................................>2000V
Continuous Power Dissipation
SOT23-6 (derate 7.1mW/°C above +70°C)....................571mW
SOT23-8 (derate 5.3mW/°C above +70°C)....................421mW
QFN (derate 24.4mW/°C above +70°C) ......................1951mW
µMAX (derate 4.10mW/°C above +70°C) ......................330mW
Narrow SO (derate 5.88mW/°C above +70°C) ..............471mW
Plastic DIP (derate 9.09mW/°C above +70°C) ..............727mW
Operating Temperature Ranges
MAX454_C_ _ .......................................................0°C to +70°C
MAX454_E_ _.....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +5V ±10%, GND = 0, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.) (Notes 2, 3)
Note 1: Signals on NC, NO, COM, or IN exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to maximum
current rating.
COM On-Leakage Current
(Note 7)
ICOM(ON)
V+ = 5.5V;
VCOM = 1V, 4.5V or
VNO or VNC = 1V, 4.5V,
or floating
nA
COM Off-Leakage Current
(Note 7)
ICOM(OFF)
V+ = 5.5V;
VCOM = 4.5V, 1V;
VNO or VNC = 1V, 4.5V
nA
NO or NC Off-Leakage
Current (Note 7)
INO(OFF)
or
INC(OFF)
V+ = 5.5V;
VCOM = 1V, 4.5V;
VNO or VNC = 4.5V, 1V
nA
-10
10
C, E
C, E
C, E
TA = TMIN
to TMAX
TA = TMIN
to TMAX
TA = TMIN
to TMAX
-5
5
8
4
75
-5
5
-0.2
0.2
-0.1
0.1
-0.1
0.01
0.1
V+ = 5V;
ICOM = 1.0mA;
VNO or VNC = 1V, 2V, 3V
Ω
26
RFLAT(ON)
On-Resistance Flatness
(Note 6)
V+ = 5V,
ICOM = 1.0mA,
VNO or VNC = 3.5V
Ω
0.8
2
∆RON
On-Resistance Match
Between Channels (Note 5)
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
V+ = 4.5V,
ICOM = 1.0mA,
VNO or VNC = 3.5V
Ω
30
60
RON
On-Resistance
(Note 4)
CONDITIONS
V
0V+
VCOM,
VNO,
VNC
Analog Signal Range
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ANALOG SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com