Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4563EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4563EEE
Description  Serially Controlled, Clickless Audio/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4563EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4563EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4563EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Serially Controlled, Clickless
Audio/Video Switches
_______________________________________________________________________________________
7
10
1000
100
10,000
100,000
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
1
0.01
0.1
600
Ω IN AND OUT
SIGNAL = 1VRMS
10
1k
100
10k
100k
AUDIO FREQUENCY RESPONSE
FREQUENCY (Hz)
0
-20
-120
-100
-60
-80
-40
600
Ω IN AND OUT
OFF-ISOLATION
CROSSTALK
0
-20
-100
0.1
10
100
VIDEO FREQUENCY RESPONSE
-40
-60
-80
FREQUENCY (MHz)
1
INSERTION LOSS
OFF-ISOLATION
CROSSTALK
50
Ω IN AND OUT
5ms/div
TURN-ON AND TURN-OFF TIMES
(SOFT MODE)
CS
(5V/div)
tOFF
(1V/div)
tON
(1V/div)
Typical Operating Characteristics (continued)
(V+ = +5V, TA = +25°C, unless otherwise noted.)
100ns/div
TURN-ON AND TURN-OFF TIMES
(HARD MODE)
CS
(5V/div)
tON
(1V/div)
tOFF
(1V/div)
5.1
5.3
5.2
5.5
5.4
5.6
5.7
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
-3
-1
-2
1
0
2
3
02
1
345
CHARGE INJECTION vs. COM_ VOLTAGE
VCOM_ (V)
0
100
50
200
150
250
300
-40
10
-15
35
60
85
TURN-ON AND TURN-OFF TIMES
vs. TEMPERATURE (HARD MODE)
TEMPERATURE (°C)
tON, V+ = +3V
tON, V+ = +5V
tOFF, V+ = +3V
tOFF, V+ = +5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com