Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4584 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4584
Description  Serially Controlled Audio/Video Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4584 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4584 Datasheet HTML 1Page - Maxim Integrated Products MAX4584 Datasheet HTML 2Page - Maxim Integrated Products MAX4584 Datasheet HTML 3Page - Maxim Integrated Products MAX4584 Datasheet HTML 4Page - Maxim Integrated Products MAX4584 Datasheet HTML 5Page - Maxim Integrated Products MAX4584 Datasheet HTML 6Page - Maxim Integrated Products MAX4584 Datasheet HTML 7Page - Maxim Integrated Products MAX4584 Datasheet HTML 8Page - Maxim Integrated Products MAX4584 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Serially Controlled
Audio/Video Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND ................................................................-0.3V to +6V
COM_ and NO_ _ to GND (Note 1) ..............-0.3V to (V+ + 0.3V)
A, CS, SDA, DIN, SCL, and SCLK to GND...............-0.3V to +6V
Continuous Current into Any Terminal..............................±20mA
Peak Current into Any Terminal
(pulsed at 1ms, 10% duty cycle).................................±40mA
ESD per Method 3015.7.......................................................>2kV
Continuous Power Dissipation (TA = +70°C)
µMAX (derate 4.1mW/°C above +70°C) .....................330mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Note 1: Signals on NO_ _ or COM_ exceeding V+ or ground are clamped by internal diodes. Limit forward-diode current to maximum
current rating.
AUDIO PERFORMANCE
-10
10
TA = TMIN to TMAX
VA = 1VRMS, fIN = 20kHz,
RS = 600Ω, Figure 8
dB
TA = +25°C
VA = 1VRMS, fIN = 20kHz,
RL = 600Ω, Figure 8
TA = TMIN to TMAX
TA = +25°C
CONDITIONS
-84
VCT(A)
Channel-to-Channel Crosstalk
24
V
0V+
VNO_ _,
VCOM_
Analog Signal Range (Note 3)
dB
-83
VISO(A)
Off-Isolation (Note 7)
5
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
-1
0.001
1
45
65
80
-10
10
TA = TMIN to TMAX
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
25
6.5
TA = +25°C
V+ = 5.25V;
VNO_ _ = 1V, 4.5V, or
floating;
VCOM_ = 1V, 4.5V
TA = +25°C
nA
-1
0.002
1
ICOM_(ON)
COM_
On-Leakage Current (Note 6)
TA = TMIN to TMAX
-1
0.001
1
-10
10
V+ = 4.75V,
VNO_ _ = 3V,
ICOM_ = 4mA
RON
On-Resistance
Ω
Ω
V+ = 4.75V,
VNO_ _ = 3V,
ICOM_ = 4mA
∆RON
On-Resistance
Match Between Channels
(Note 4)
Ω
V+ = 4.75V;
VNO_ _ = 1V, 2V, 3V;
ICOM_ = 4mA
RFLAT
On-Resistance
Flatness (Note 5)
nA
V+ = 5.25V;
VNO_ _ = 1V, 4.5V;
VCOM_ = 4.5V, 1V
INO_ _(OFF)
NO_ _
Off-Leakage Current (Note 6)
V+ = 5.25V;
VNO_ _ = 1V, 4.5V;
VCOM_ = 4.5V, 1V
ICOM_(OFF)
COM_
Off-Leakage Current (Note 6)
nA
ANALOG SWITCHES
AUDIO PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com