Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4538EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4538EEE
Description  Quad, Low-Voltage, SPST Analog Switches with Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4538EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4538EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4538EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4538EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4538EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4538EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4538EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4538EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4538EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4538EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Quad, Low-Voltage,
SPST Analog Switches with Enable
_______________________________________________________________________________________
7
0
-100
0.1
10
1000
1
100
FREQUENCY RESPONSE
-80
MAX4536/7/8 TOC-10
FREQUENCY (MHz)
-60
-40
-20
-10
-90
-70
-50
-30
50
-50
-30
-10
10
30
40
-40
-20
0
20
ON-PHASE
ON-RESPONSE
OFF-ISOLATION
2.5
0
01
2
3
6
7
10
LOGIC-LEVEL THRESHOLD
vs. POSITIVE SUPPLY VOLTAGE
1.5
SUPPLY VOLTAGE (V)
45
8
9
2.0
0.5
1.0
100
0.01
10
1k
100k
100
10k
TOTAL HARMONIC
DISTORTION vs. FREQUENCY
0.1
MAX4536/7/8 TOC-12
FREQUENCY (Hz)
10
1
V+ = 5V
V- = -5V
5Vp-p SIGNAL
600
Ω IN AND OUT
_____________________________Typical Operating Characteristics (continued)
(V+ = +5V, V- = -5V GND = 0V, TA = +25°C, unless otherwise noted.)
______________________________________________________________Pin Description
Negative Analog Supply-Voltage Input. Connect V- to GND for single-supply operation.
V-
9
Positive Analog and Digital Supply-Voltage Input. Internally connected to substrate.
V+
16
Ground. Connect to digital ground. (Analog signals have no ground reference;
they are limited to V+ and V-.)
GND
8
Disable Logic Input. Connect logic high to
EN to disable (open) all switches.
EN
7
PIN
Analog Switch Normally Open* or Normally Closed* Terminals (see
Truth Tables)
NO1–NO4,
or
NC1–NC4
2, 3, 11, 12
Analog Switch Common* Terminals
COM1–COM4
1, 4, 10, 13
FUNCTION
NAME
*
NO_/NC_ and COM_ pins are identical and interchangeable. Either may be considered as an input or an output; signals pass equally
well in either direction.
Logic-Control Digital Inputs. Control each switch (see
Truth Tables), except when
EN is high.
IN1–IN4
5, 6, 14, 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com