Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIL113 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TIL113
Description  6-PIN PHOTODARLINGTON OPTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TIL113 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TIL113 Datasheet HTML 1Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 2Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 3Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 4Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 5Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 6Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 7Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 8Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
H11B1 H11B2 H11B3 TIL113
6-PIN PHOTODARLINGTON
OPTOCOUPLER
Product: H11B1 H11B2 H11B3 TIL113series
Date: February 1, 2011
Page 2 of 12
Version# 1.1
Wide lead bend (Option W):
SMD lead bend (Option S):
-
All Dimensions are in mm
-
Tolerance = +/- 0.1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com