Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SD2
Description  Universal Bi-Level dimming control module for use with 0-10V dimmable LED Drivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SD2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SD2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
SD2 Step-Dimming Module
Universal Bi-Level dimming control module
for use with 0-10V dimmable LED Drivers
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Max Pass Current:
1.0A @ 120Vac Input, 0.43A @ 277Vac Input
Max LED Driver Power:
100W
Max Insertion Loss:
<1.5W @ 100W LED Driver
Class 2 Control Output:
0-10V (Current Sinking only, 50mA max)
Warranty:
5 years
Environmental Specifications
Storage Temperature:
-40ºC to +85ºC
Max Case Temp:
75°C
Min Operating Temp:
-40ºC
Humidity:
5% to 95%
Lifetime:
1,000,000 Switching Cycles
DC
85
10.75
10.75
17.5
7
3.5
1.5
1.5
152
AC
Line x2 (Black/White)
Neut (White)
AC Line Out (Black)
(+) Purple
(-) Gray
152
7.5
2 x Ø 3.5
8
6
9.5
Tc
SD2 Step-Dimming Operation
Switch Position
Driver Current
Output
S1
S2
Closed
Closed
100%
Closed
Open
<50%
Open
Closed
<50%
Open
Open
0%
Contact TRP for custom output variants!
E359020
NOTES:
1. Compatibility with 0-10V dimmable drivers manufactured by companies other than Thomas Research
Products cannot be assured. Please contact your sales representative for a list of compatible drivers.
2. This device is designed to operate with standard wallbox switches only.
3. UL requires that these modules be installed within the luminaire enclosure.
The SD2 works with two standard wall switches to
provide quick switching between 100% and 50%
light output from LED luminaires.
• Works with 0-10V dimmable LED drivers
• Eliminates need for expensive dimmer unit
• Works with occupancy sensors
• Class 2 Output
Rev 11-21-14
For wiring diagrams, see next page


Similar Part No. - SD2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD2-D COOPER-SD2-D Datasheet
421Kb / 8P
NH bases
logo
Sirectifier Semiconduct...
SD20 SIRECTIFIER-SD20 Datasheet
217Kb / 2P
Discrete Diodes
logo
SHIKUES Electronics
SD20 SKTECHNOLGY-SD20 Datasheet
740Kb / 3P
Unidirectional TVS Diodes
logo
AiT Semiconductor Inc.
SD20 AITSEMI-SD20 Datasheet
372Kb / 5P
350W UNIDIRECTIONAL TVS DIODES
REV1.0
logo
DAESAN ELECTRONIC CORP.
SD20 DAESAN-SD20 Datasheet
395Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SD2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD3 ETC2-SD3 Datasheet
1Mb / 2P
Universal Tri-Level dimming control modules for use with 0-10V dimmable LED Drivers
logo
Phihong USA Inc.
PDA040W-700B PHIHONG-PDA040W-700B Datasheet
264Kb / 4P
40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA041W-700B PHIHONG-PDA041W-700B Datasheet
218Kb / 5P
40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA060W-700B PHIHONG-PDA060W-700B Datasheet
216Kb / 4P
60W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
logo
LinkCom Manufacturing C...
25W-DBFE LINKCOM-25W-DBFE Datasheet
462Kb / 5P
0-10V Dimmable
40W-DBFE LINKCOM-40W-DBFE Datasheet
416Kb / 5P
0-10V Dimmable
45W-DBFN LINKCOM-45W-DBFN Datasheet
516Kb / 3P
0-10V Dimmable
60W-DBFE LINKCOM-60W-DBFE Datasheet
472Kb / 5P
0-10V Dimmable
100W-DBFE LINKCOM-100W-DBFE Datasheet
530Kb / 5P
0-10V Dimmable
logo
Recom International Pow...
REPOT RECOM-REPOT Datasheet
389Kb / 3P
suitable for 1-10V dimmable LED drivers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com