Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4612CSD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4612CSD
Description  Low-Voltage, Quad, SPST CMOS Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4612CSD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4612CSD Datasheet HTML 1Page - Maxim Integrated Products MAX4612CSD Datasheet HTML 2Page - Maxim Integrated Products MAX4612CSD Datasheet HTML 3Page - Maxim Integrated Products MAX4612CSD Datasheet HTML 4Page - Maxim Integrated Products MAX4612CSD Datasheet HTML 5Page - Maxim Integrated Products MAX4612CSD Datasheet HTML 6Page - Maxim Integrated Products MAX4612CSD Datasheet HTML 7Page - Maxim Integrated Products MAX4612CSD Datasheet HTML 8Page - Maxim Integrated Products MAX4612CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Low-Voltage, Quad, SPST
CMOS Analog Switches
________________________________________________________________ Maxim Integrated Products
1
19-4793; Rev 2; 11/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX4610/MAX4611/MAX4612 are quad, low-volt-
age, single-pole/single-throw (SPST) analog switches.
On-resistance (100
Ω, max) is matched between switch-
es to 4
Ω, max and is flat (4Ω, max) over the specified
signal range. Each switch handles V+ to GND analog
signal levels. Maximum off-leakage current is only 1nA
at TA = +25°C and 2nA at TA = +85°C.
The MAX4610 has four normally open (NO) switches,
and the MAX4611 has four normally closed (NC)
switches. The MAX4612 has two NO switches and two
NC switches. These CMOS switches operate from a
single +2V to +12V supply. All digital inputs have +0.8V
and +2.4V logic thresholds, ensuring TTL/CMOS-logic
compatibility when using a single +5V supply.
________________________Applications
Battery-Operated Equipment
Audio/Video Signal Routing
Low-Voltage Data-Acquisition Systems
Sample-and-Hold Circuits
Communication Circuits
____________________________Features
o Offered in Automotive Temperature Range
(-40°C to +125°C)
o Guaranteed On-Resistance
100
Ω max (5V Supply)
46
Ω max (12V Supply)
o Guaranteed Match Between Channels (4Ω, max)
o Guaranteed Flatness Over Signal Range (18Ω, max)
o Off-Leakage Current Over Temperature
<2nA at TA = +85°C
o >2kV ESD Protection per Method 3015.7
o Rail-to-Rail® Signal Handling
o TTL/CMOS-Logic Compatible
14
13
12
11
10
9
8
1
2
3
4
5
6
7
MAX4610
TSSOP/SO/DIP
V+
IN1
IN4
NO4
COM4
COM3
NO3
COM2
NO2
COM1
NO1
GND
IN3
IN2
TOP VIEW
INPUT
SWITCH STATE
LOW
HIGH
OFF
ON
16
V+
15
N.C.
14
IN1
13
IN4
5
IN2
6
IN3
7
GND
8
NO3
MAX4610
2
COM1
1
NO1
3
NO2
4
COM2
11
NO4
12
N.C.
10
COM4
9
COM3
QFN
Pin Configurations/Truth Tables
Ordering Information
Ordering Information continued at end of data sheet.
*Contact factory for dice specifications.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
MAX4611/MAX4612 Pin Configurations/Truth Tables appear at end of data sheet.
14 Plastic DIP
-40°C to +125°C
MAX4610EPD
14 TSSOP
-40°C to +85°C
MAX4610EUD
14 Narrow SO
-40°C to +85°C
MAX4610ESD
16 QFN
-40°C to +85°C
MAX4610EGE
Dice*
14 Plastic DIP
0°C to +70°C
0°C to +70°C
MAX4610C/D
MAX4610CPD
14 Narrow SO
14 TSSOP
PIN-PACKAGE
TEMP RANGE
0°C to +70°C
0°C to +70°C
MAX4610CSD
MAX4610CUD
PART


Similar Part No. - MAX4612CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4612CSD+ MAXIM-MAX4612CSD+ Datasheet
162Kb / 11P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
More results

Similar Description - MAX4612CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
Quad SPST CMOS Analog Switches
06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
Quad SPST CMOS Analog Switches
25-Jun-07
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
Quad SPST CMOS Analog Switches
30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
Quad SPST CMOS Analog Switches
23-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com