Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF178P Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLF178P
Description  Power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF178P Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLF178P_15 Datasheet HTML 5Page - NXP Semiconductors BLF178P_15 Datasheet HTML 6Page - NXP Semiconductors BLF178P_15 Datasheet HTML 7Page - NXP Semiconductors BLF178P_15 Datasheet HTML 8Page - NXP Semiconductors BLF178P_15 Datasheet HTML 9Page - NXP Semiconductors BLF178P_15 Datasheet HTML 10Page - NXP Semiconductors BLF178P_15 Datasheet HTML 11Page - NXP Semiconductors BLF178P_15 Datasheet HTML 12Page - NXP Semiconductors BLF178P_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BLF178P
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 16 February 2012
9 of 13
NXP Semiconductors
BLF178P
Power LDMOS transistor
8.
Package outline
Fig 11. Package outline SOT539A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT539A
10-02-02
00-03-03
0
5
10 mm
scale
p
A
F
b
e
D
U2
L
H
Q
c
5
12
4
3
D1
E
A
w1
AB
M
M
M
q
U1
H1
C
B
M
M
w2
C
E1
M
w3
UNIT
A
mm
D
b
11.81
11.56
0.18
0.10
31.55
30.94
13.72
9.53
9.27
17.12
16.10
10.29
10.03
4.7
4.2
c
e
U2
0.25
0.25
0.51
w3
35.56
qw2
w1
F
1.75
1.50
U1
41.28
41.02
H1
25.53
25.27
p
3.30
3.05
Q
2.26
2.01
EE1
9.50
9.30
inches
0.465
0.455
0.007
0.004
1.242
1.218
D1
31.52
30.96
1.241
1.219
0.540
0.375
0.365
0.674
0.634
0.405
0.395
0.185
0.165
0.010
0.010 0.020
1.400
0.069
0.059
1.625
1.615
1.005
0.995
0.130
0.120
0.089
0.079
0.374
0.366
H
3.48
2.97
0.137
0.117
L
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
Flanged balanced LDMOST ceramic package; 2 mounting holes; 4 leads
SOT539A
Note
1. millimeter dimensions are derived from the original inch dimensions.
2. recommended screw pitch dimension of 1.52 inch (38.6 mm) based on M3 screw.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com