Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M201 Datasheet(PDF) 5 Page - Solid State Optronic

Part # M201
Description  High Input-to-Output Isolation (1500V MIN)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

M201 Datasheet(HTML) 5 Page - Solid State Optronic

  M201 Datasheet HTML 1Page - Solid State Optronic M201 Datasheet HTML 2Page - Solid State Optronic M201 Datasheet HTML 3Page - Solid State Optronic M201 Datasheet HTML 4Page - Solid State Optronic M201 Datasheet HTML 5Page - Solid State Optronic M201 Datasheet HTML 6Page - Solid State Optronic M201 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 5 of 7
M201 /TR
Rev 2.00 (11/12/2013)
001732
M201
1 Form A
600V / 20Ω
MOSFET Output Solid State Relay
M201 Package Dimensions
4 PIN SOP Package
Note: All dimensions in inches with millimeters [mm] in parenthesis ()



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com