Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M231 Datasheet(PDF) 1 Page - Solid State Optronic

Part # M231
Description  High Input-to-Output Isolation (1500V MIN)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

M231 Datasheet(HTML) 1 Page - Solid State Optronic

  M231 Datasheet HTML 1Page - Solid State Optronic M231 Datasheet HTML 2Page - Solid State Optronic M231 Datasheet HTML 3Page - Solid State Optronic M231 Datasheet HTML 4Page - Solid State Optronic M231 Datasheet HTML 5Page - Solid State Optronic M231 Datasheet HTML 6Page - Solid State Optronic M231 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
M231 /TR
Rev 1.99 (11/12/2013)
001733
Page 1 of 7
M231
1 Form A
250V / 10Ω
MOSFET Output Solid State Relay
Description
The M231 is a bi-directional, single-pole, single-throw,
normally open multipurpose solid-state relay in a miniature
4-pin small outline package. With a high blocking voltage
(250V) and low on-resistance, it is ideally suited to high
voltage applications requiring higher load currents. The
relay consists of an integrated circuit that drives two rugged
source-to-source enhancement type DMOS transistors –
optically coupled to a light emitting diode. The output MOS
transistors are protected with free-wheeling diodes that can
handle up to 1.5A of inrush current
The M231 comes standard in a 4 pin SOP package.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Reed Relay Replacement
Security Systems
Meter Reading Equipment
Data Acquisition
Battery Monitoring
Multiplexers
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Total Power Dissipation ……………………………..400mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
M231
4 pin SOP, (100/Tube)
M231-TR
4 pin SOP, Tape and Reel (2000/Reel)
Features
High Input-to-Output Isolation (1500V MIN)
Low Input Control Current (2.5mA TYP)
150mA Maximum Continuous Load Current
Low On Resistance (6
 TYP)
Ultra Miniature 4SOP Package
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
NOTE: Suffixes listed above are not included in marking on
device for part number identification


Similar Part No. - M231

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
M231 SOLIDSTATE-M231 Datasheet
304Kb / 7P
High Input-to-Output Isolation (1500V MIN)
Rev 1.99
logo
Pro-Wave Electronic Cor...
M2313500 PRO-WAVE-M2313500 Datasheet
334Kb / 1P
Ultrasonic Vibration Micro Nozzle
More results

Similar Description - M231

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-817C LITEON-LTV-817C Datasheet
600Kb / 15P
High input-output isolation voltage
logo
Solid State Optronic
AD6C841 SSOUSA-AD6C841 Datasheet
346Kb / 8P
High Input-to-Output Isolation (up to 5VRMS)
M201 SSOUSA-M201 Datasheet
293Kb / 7P
High Input-to-Output Isolation (1500V MIN)
M212 SSOUSA-M212_15 Datasheet
296Kb / 7P
High Input-to-Output Isolation (1.5kV MIN)
logo
AIMTEC
AM3HW-NZ AIMTEC-AM3HW-NZ Datasheet
154Kb / 3P
Input to Output Isolation of 1500VDC
AM50E-NZ AIMTEC-AM50E-NZ Datasheet
257Kb / 5P
Input to Output Isolation of 1500VDC
logo
Solid State Optronic
SM6004 SSOUSA-SM6004 Datasheet
223Kb / 7P
High Input-to-Output Isolation
SM6006 SSOUSA-SM6006 Datasheet
223Kb / 7P
High Input-to-Output Isolation
SMA4131 SSOUSA-SMA4131 Datasheet
192Kb / 6P
High Input-to-Output Isolation
SMA4240 SSOUSA-SMA4240 Datasheet
343Kb / 7P
High Input-to-Output Isolation
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com