Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV707P Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV707P
Description  TLV707xx, TLV707xxP 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV707P Datasheet(HTML) 1 Page - Texas Instruments

  TLV707P Datasheet HTML 1Page - Texas Instruments TLV707P Datasheet HTML 2Page - Texas Instruments TLV707P Datasheet HTML 3Page - Texas Instruments TLV707P Datasheet HTML 4Page - Texas Instruments TLV707P Datasheet HTML 5Page - Texas Instruments TLV707P Datasheet HTML 6Page - Texas Instruments TLV707P Datasheet HTML 7Page - Texas Instruments TLV707P Datasheet HTML 8Page - Texas Instruments TLV707P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
TLV707Series
GND
EN
IN
OUT
V
IN
V
OUT
On
Off
C
IN
C
OUT
1
F
Ceramic
m
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV707, TLV707P
SBVS153D – FEBRUARY 2011 – REVISED JANUARY 2015
TLV707xx, TLV707xxP 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator
for Portable Devices
1 Features
3 Description
The TLV707 series (TLV707xx and TLV707xxP) of
1
•
0.5% Typical Accuracy
low-dropout
linear
regulators
(LDOs)
are
low
•
Supports 200-mA Output
quiescent current devices with excellent line and load
•
Low IQ: 25 μA
transient
performance
for
power-sensitive
applications.
These
devices
provide
a
typical
•
Fixed-Output Voltage Combinations Possible from
accuracy
of
0.5%.
All
versions
have
thermal
0.85 V to 5.0 V(1)
shutdown and overcurrent protection for safety.
•
High PSRR:
Furthermore, these devices are stable with an
–
70 dB at 100 Hz
effective output capacitance of only 0.1 µF. This
–
50 dB at 1 MHz
feature enables the use of cost-effective capacitors
•
Stable With Effective Capacitance of 0.1
μF(2)
that have higher bias voltages and temperature
derating. These devices also regulate to the specified
•
Thermal Shutdown and Overcurrent Protection
accuracy with no output load.
•
Package: 1-mm × 1-mm DFN (X2SON)
The TLV707xxP also provides an active pulldown
(1)
For all available voltage options, see the orderable addendum
circuit to quickly discharge the outputs.
at the end of the data sheet.
(2)
See Mechanical, Packaging, and Orderable Information for
These LDOs also provide an active pulldown circuit to
more details.
quickly discharge the outputs. The TLV707 series of
LDOs are available in a 1-mm x 1-mm DQN (X2SON)
2 Applications
package
that
makes
them
ideal
for
handheld
applications.
•
Wireless Handsets, Smart Phones, and PDAs
•
MP3 Players and Other Handheld Devices
Device Information(1)
•
WLAN and Other PC Add-On Cards
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV707xx
X2SON (4)
1.00 mm × 1.00 mm
TLV707xxP
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
4 Typical Application Circuit (Fixed-Voltage Versions)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV707P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV707P TI1-TLV707P Datasheet
1Mb / 41P
Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707P TI1-TLV707P Datasheet
1Mb / 41P
200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707P TI1-TLV707P Datasheet
1Mb / 42P
200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707P TI-TLV707P Datasheet
1Mb / 44P
TLV707, TLV707P 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
REVISED JUNE 2023
TLV707P TI1-TLV707P Datasheet
1Mb / 44P
TLV707, TLV707P 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
JUNE 2023
More results

Similar Description - TLV707P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70712P TI1-TLV70712P Datasheet
1Mb / 29P
200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV707 TI-TLV707_13 Datasheet
1Mb / 35P
200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707_17 Datasheet
1Mb / 41P
200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707_18 Datasheet
1Mb / 42P
200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com