Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX471ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX471ESA
Description  Precision, High-Side Current-Sense Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX471ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX471ESA Datasheet HTML 1Page - Maxim Integrated Products MAX471ESA Datasheet HTML 2Page - Maxim Integrated Products MAX471ESA Datasheet HTML 3Page - Maxim Integrated Products MAX471ESA Datasheet HTML 4Page - Maxim Integrated Products MAX471ESA Datasheet HTML 5Page - Maxim Integrated Products MAX471ESA Datasheet HTML 6Page - Maxim Integrated Products MAX471ESA Datasheet HTML 7Page - Maxim Integrated Products MAX471ESA Datasheet HTML 8Page - Maxim Integrated Products MAX471ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Precision, High-Side
Current-Sense Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX471
(RS+ = +3V to +36V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, RS+, RS-, VCC to GND....................-0.3V, +40V
RMS Current, RS+ to RS- (MAX471 only)..........................±3.3A
Peak Current, (RS+ to RS-) ......................................see Figure 5
Differential Input Voltage, RG1 to RG2 (MAX472 only) .....±0.3V
Voltage at Any Pin Except SIGN
MAX471 only ...........................................-0.3V to (RS+ - 0.3V)
MAX472 only ..........................................-0.3V to (VCC + 0.3V)
Voltage at SIGN......................................................-0.3V to +40V
Current into SHDN, GND, OUT, RG1, RG2, VCC................±50mA
Current into SIGN.................................................+10mA, -50mA
Continuous Power Dissipation (TA = +70°C)
MAX471 (Note 1):
Plastic DIP (derate 17.5mW/°C above +70°C) ..................1.4W
SO (derate 9.9mW/°C above +70°C) .............................791mW
MAX472 :
Plastic DIP (derate 9.09mW/°C above +70°C) ..............727mW
SO (derate 5.88mW/°C above +70°C) ...........................471mW
Operating Temperature Ranges
MAX47_C_A ........................................................0°C to +70°C
MAX47_E_A .....................................................-40°C to +85°C
Junction Temperature Range ............................-60°C to +150°C
Storage Temperature Range .............................-60°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
VSHDN = 2.4V
ILOAD = 0A, excludes ISIGN
VSHDN = 0V
VSHDN = 2.4V; VCC = 3V to 20V
VSIGN = 0.3V
VSIGN = 36V
ILOAD = 30mA,
RS+ = 10V
MAX471E
MAX471C
ILOAD = 0A,
RS+ = 10V
ILOAD = 1A,
RS+ = 10V
3V
≤ RS+ ≤ 36V, ILOAD = 1A
CONDITIONS
V
0VRS+ - 1.5
VOUT
OUT Output Voltage Range
µA
1.0
IIH
SHDN Input High Current
V
2.4
VIH
SHDN Input High Voltage
µA
1.0
IIL
SHDN Input Low Current
V
0.3
VIL
SHDN Input Low Voltage
µA
1.5
18.0
IRS+(SHDN)
Shutdown Supply Current
mA
0.1
IOL
SIGN Sink Current
µA
1.0
SIGN Output Leakage Current
mA
±4.0
±6.0
SIGN Threshold (ILOAD required
to switch SIGN)
%/V
0.1
PSRR
Power-Supply Rejection Ratio
ARMS
±3
ILOAD
Sense Current
V
50
113
IRS+
336
VRS+
Supply Voltage
Supply Current
µA
±3.0
Low-Level OUT Error
±2.5
µA
3.0
No-Load OUT Error
m
Ω
35
70
RSENSE
Sense Resistor
0.490
0.500
0.510
mA/A
0.4875
0.500
0.5125
IOUT/
ILOAD
Current-Sense Ratio
2.5
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
OUT Output Resistance
ROUT
ILOAD = 3.0A, VOUT = 0V to (VRS+ - 1.5V)
13
M
Ω
OUT Rise, Fall Time
tR, tF
ILOAD = 50mA to 3.0A, ROUT = 2kΩ,
COUT = 50pF, 10% to 90%
4
µs
OUT Settling Time to 1%
of Final Value
ts
ILOAD = 100mA to 3.0A, ROUT = 2kΩ,
COUT = 50pF
15
µs
MAX471C
MAX471C
MAX471C
MAX471E
MAX471E
MAX471E
±7.0
µA
Note 1: Due to special packaging considerations, MAX471 (DIP, SO) has a higher power dissipation rating than the MAX472. RS+
and RS- must be soldered to large copper traces to achieve this dissipation rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com