Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX473ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX473ESA
Description  Single/Dual/Quad, 10MHz Single-Supply Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX473ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX473ESA Datasheet HTML 1Page - Maxim Integrated Products MAX473ESA Datasheet HTML 2Page - Maxim Integrated Products MAX473ESA Datasheet HTML 3Page - Maxim Integrated Products MAX473ESA Datasheet HTML 4Page - Maxim Integrated Products MAX473ESA Datasheet HTML 5Page - Maxim Integrated Products MAX473ESA Datasheet HTML 6Page - Maxim Integrated Products MAX473ESA Datasheet HTML 7Page - Maxim Integrated Products MAX473ESA Datasheet HTML 8Page - Maxim Integrated Products MAX473ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Single/Dual/Quad, 10MHz
Single-Supply Op Amps
_______________________________________________________________________________________
5
1.0
2
SUPPLY CURRENT PER AMPLIFIER
vs. SUPPLY VOLTAGE
VCC-VEE (V)
1.5
2.0
2.5
3.0
3
4
56
0
-60
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
1.0
2.0
3.0
0.5
1.5
2.5
-20
20
60
100
140
VCC = 5V
VCC = 3V
0
-60
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
40
80
120
20
60
100
-20
20
60
100
140
12
-60
GAIN-BANDWIDTH PRODUCT
vs. TEMPERATURE
TEMPERATURE (°C)
14
15
16
13
-20
20
60
100
140
AVCL = 40dB
2.7
0.1
1
10
100
1000
MAXIMUM OUTPUT VOLTAGE
vs. LOAD RESISTANCE
2.8
LOAD RESISTANCE (k
Ω)
2.9
3.0
3.1
VCC = 3V
RL
VCC
1V
8
-60
SLEW RATE vs. TEMPERATURE
TEMPERATURE (°C)
14
17
20
11
-20
20
60
100
140
VCC = 3V
VCC = 5V
5.2
4.7
0.1
1
10
100
1000
MAXIMUM OUTPUT VOLTAGE
vs. LOAD RESISTANCE
4.8
LOAD RESISTANCE (k
Ω)
4.9
5.0
5.1
VCC = 5V
RL
VCC
1V
0.5
0
0.1
1
10
100
1000
10,000
MINIMUM OUTPUT VOLTAGE
vs. LOAD RESISTANCE
0.1
LOAD RESISTANCE (k
Ω)
0.2
0.3
0.4
VCC
1V
RL
VCC = 3V
VCC = 5V
__________________________________________Typical Operating Characteristics
(VCC = 5V, VEE = 0V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com