Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX474ESA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX474ESA
Description  Single/Dual/Quad, 10MHz Single-Supply Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX474ESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX474ESA Datasheet HTML 4Page - Maxim Integrated Products MAX474ESA Datasheet HTML 5Page - Maxim Integrated Products MAX474ESA Datasheet HTML 6Page - Maxim Integrated Products MAX474ESA Datasheet HTML 7Page - Maxim Integrated Products MAX474ESA Datasheet HTML 8Page - Maxim Integrated Products MAX474ESA Datasheet HTML 9Page - Maxim Integrated Products MAX474ESA Datasheet HTML 10Page - Maxim Integrated Products MAX474ESA Datasheet HTML 11Page - Maxim Integrated Products MAX474ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
The MAX473/MAX474/MAX475 have excellent phase
margin (the difference between 180° and the unity-gain
phase angle). It is typically 63° with a load of 10k
Ω in
parallel with 20pF. Generally, higher phase margins
indicate greater stability.
Capacitive loads form an RC network with the op amp’s
output resistance, causing additional phase shift that
reduces the phase margin. Figure 3 shows the
MAX473/MAX474/MAX475 output response when dri-
ving a 390pF load in parallel with 10k
Ω.
When driving large capacitive loads, add an output iso-
lation resistor, as shown in Figure 4. This resistor
improves the phase margin by isolating the load
capacitance from the amplifier output. Figure 5 shows
the MAX473/MAX474/MAX475 driving a capacitive load
of 1000pF using the circuit of Figure 4.
Feedback Resistors
The feedback resistors appear as a resistance network
to the op amp’s feedback input (Figure 2). This resis-
tance, combined with the op amp’s input and stray
capacitance (total input capacitance), forms a pole that
adds unwanted phase shift when either the total input
capacitance or feedback resistance is too large. For
example, using the noninverting configuration with a
gain of 10, if the total capacitance at the negative input
is 10pF and the effective resistance (R1
|| R2) is 9kΩ,
this RC network introduces a pole at fo = 1.8MHz. At
input frequencies above fo, the pole introduces addi-
tional phase shift, which reduces the overall bandwidth
and adversely affects stability. Choose feedback resis-
tors small enough so they do not adversely affect the
op amp’s operation at the frequencies of interest.
Overdriving the Outputs
The output voltage swing for specified operation is from
(VEE + 0.3V) to (VCC - 0.5V) (see Electrical Characteristics).
Exercising the outputs beyond these limits drives the out-
put transistors toward saturation, resulting in bandwidth
degradation, response-time increase, and gain decrease
(which affects linearity). Operation in this region causes a
slight distortion in the output waveform, but does not
adversely affect the op amp.
Single/Dual/Quad, 10MHz
Single-Supply Op Amps
10
______________________________________________________________________________________
MAX473
VEE
NULL
2k
NULL
1
4
8
VIN
VOUT
R1
R2
R3
R3 = R2
R1
VIN
VOUT
R3
R2
R1
R3 = R2
R1
Figure 1. Offset Null Circuit
Figure 2a. Reducing Offset Error Due to Bias Current:
Inverting Configuration
Figure 2b. Reducing Offset Error Due to Bias Current:
Noninverting Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com