Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAT600 Datasheet(PDF) 4 Page - Solid State Optronic

Part # SAT600
Description  AC/DC input control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SAT600 Datasheet(HTML) 4 Page - Solid State Optronic

  SAT600 Datasheet HTML 1Page - Solid State Optronic SAT600 Datasheet HTML 2Page - Solid State Optronic SAT600 Datasheet HTML 3Page - Solid State Optronic SAT600 Datasheet HTML 4Page - Solid State Optronic SAT600 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAT600
AC Input
Optocouple
r
MECHANICAL DIMENSIONS
© 200
7 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 4 of 5
SAT600
rev 1.4
1 (06/15/2007)
6 PIN DU
AL-IN-LINE PACKAGE (Through-hole)
6 PIN SURFACE MOUNT DEVICE
(SMD)
-H Suffix (0.4" / 10mm Lead Spacing)
TOLERANCE :+ 0.25mm
Unit (mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com