Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5003EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5003EEE
Description  High-Voltage PWM Power-Supply Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5003EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5003EEE Datasheet HTML 1Page - Maxim Integrated Products MAX5003EEE Datasheet HTML 2Page - Maxim Integrated Products MAX5003EEE Datasheet HTML 3Page - Maxim Integrated Products MAX5003EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5003EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5003EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5003EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5003EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5003EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
High-Voltage PWM
Power-Supply Controller
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = VES = VDD = +12V, VINDIV = 2V, VCON = 0, RFREQ = RMAXTON = 200k
Ω, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.)
(Note 2)
VFREQ = 5V, VCON = 3.0V
VCON = 3.0V
VCON = 3.0V
From end of blanking time 25mV overdrive
0 < VCS < 0.1V
VINDIV = 1.28V
FB = COMP, VCON = 1.5V
V+ = VES = VDD =
10.8V and 18.75V
At COMP
At COMP
ICOMP = 5µA; VCOMP = 0.5V, 2.5V
RLOAD = 200k
Ω, CLOAD = 100pF
AVOL = 1V/V, CLOAD = 100pF
VFB = 1.5V
kHz
200
1200
fFREQ
FREQ Range
µs
813
tEXT
External Oscillator Maximum
Low Time
µA
1
IOL
FREQ Output Low
V
2.7
VIH
FREQ Input High
V
0.8
VIL
FREQ Input Low
µA
-1
0.01
+1
INDIV Bias Current
mV
125
VHYST
INDIV Hysteresis
1.23
1.32
1.45
V
1.15
1.20
1.25
VINDIVLO
INDIV Undervoltage Lockout
ppm/°C
100
TCFB
FB VSET Tempco
µA
-1
0.1
+1
IFB
FB Bias Current
ns
70
tB
CS Blanking Time
ns
240
tD
µA
-1
+1
ICS
CS Input Bias Current
Overcurrent Delay
V
1.448
1.485
1.522
VSET
FB Regulation Voltage
V
3.00
VCOMPH
Output Clamp High
V
0.25
VCOMPL
Output Clamp Low
dB
60
80
AV
Voltage Gain
MHz
1.2
BW
Unity-Gain Bandwidth
degrees
65
φ
Phase Margin
fS = 1/4 fFREQ
ns
150
FREQ HI/LO Pulse Width
kHz
50
300
fS
Frequency Range
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETERS
VFREQ = 1.5V
VFREQ = 0
µA
1
IOL
FREQ Output Current Low
µA
300
IOH
FREQ Output Current High
kHz
80
100
120
Oscillator Frequency
k
Ω
50
500
RFREQ
FREQ Resistor Range
VINDIV = 1.25V
%
75
Maximum Programmable
Duty Cycle
VCON = 1.25V
mV
80
100
120
VCS
CS Threshold Voltage
MAXIMUM DUTY CYCLE (MAXTON)
MAIN OSCILLATOR—INTERNAL MODE
MAIN OSCILLATOR—EXTERNAL MODE
UNDERVOLTAGE LOCKOUT
FEEDBACK INPUT AND SET POINT
ERROR AMPLIFIER
CURRENT LIMIT
VINDIV falling
VINDIV rising



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com