Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX504CPD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX504CPD
Description  5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX504CPD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX504CPD Datasheet HTML 1Page - Maxim Integrated Products MAX504CPD Datasheet HTML 2Page - Maxim Integrated Products MAX504CPD Datasheet HTML 3Page - Maxim Integrated Products MAX504CPD Datasheet HTML 4Page - Maxim Integrated Products MAX504CPD Datasheet HTML 5Page - Maxim Integrated Products MAX504CPD Datasheet HTML 6Page - Maxim Integrated Products MAX504CPD Datasheet HTML 7Page - Maxim Integrated Products MAX504CPD Datasheet HTML 8Page - Maxim Integrated Products MAX504CPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
5V, Low-Power, Voltage-Output,
Serial 10-Bit DACs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(VDD = 5V, VSS = 0V, AGND = DGND = 0V, REFIN = 2.048V (external), RFB = BIPOFF = VOUT (MAX504), CREFOUT = 33µF (MAX504),
RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
Input Current
SYMBOL
MIN
TYP
MAX
IIN
±1
UNITS
Noise Voltage
en
µA
400
Input Capacitance
CIN
µVp-p
Power-Supply Rejection Ratio
8
PSRR
200
µV/V
Resistance
RREFOUT
0.5
2
pF
Ω
Required External Capacitor
CREFOUT
3.3
µF
Output High
Input High
VOH
VIH
2.4
VDD - 1
V
Input Low
V
VIL
0.8
V
Output Low
VOL
0.4
V
Voltage-Output Slew Rate
SR
0.15
0.25
V/µs
Voltage-Output Settling Time
25
µs
Digital Feedthrough
2.024
2.048
2.072
5
nV-s
Signal-to-Noise Plus Distortion
SINAD
68
dB
260
400
CONDITIONS
VIN = 0V or VDD
0.1Hz to 10kHz
4.5V
≤ VDD ≤ 5.5V
(Note 4)
ISOURCE = 2mA
ISINK = 2mA
TA = +25°C
To ±1/2LSB, VOUT = 2V
CS = VDD, DIN = 100kHz
REFIN = 1kHz, 2Vp-p (G = 1 or 2),
code = 1111...
Power-Supply Current
IDD
140
300
µA
CS Setup Time
tCSS
20
ns
SCLK Fall to CS Fall Hold Time
tCSH0
15
ns
SCLK Fall to CS Rise Hold Time
tCSH1
0
ns
SCLK High Width
tCH
35
ns
SCLK Low Width
tCL
35
ns
DIN Setup Time
tDS
45
ns
DIN Hold Time
tDH
0
ns
DOUT Valid Propagation Delay
tDO
CL = 50pF
80
ns
CS High Pulse Width
tCSW
20
ns
CLR Pulse Width
tCLR
25
ns
30
2.015
2.081
Reference Output Voltage
V
2.011
2.085
CS Rise to SCLK Rise Setup Time
tCS1
50
ns
TA = +25°C
MAX504C
MAX504E
Positive Supply Voltage
VDD
4.5
5.5
V
REFERENCE OUTPUT (REFOUT—MAX504 Only)
DIGITAL INPUTS (DIN, SCLK, CS, CLR)
DIGITAL OUTPUT (DOUT)
DYNAMIC PERFORMANCE
POWER SUPPLY
SWITCHING CHARACTERISTICS (Note 5)
ppm/°C
Temperature Coefficient
TCREFOUT
All inputs = 0V or VDD,
output = no load
MAX504
MAX515



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com