Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5041AEAI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5041AEAI
Description  Dual-Phase, Parallelable, Average-Current-Mode Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5041AEAI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5041AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 10Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 11Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Dual-Phase, Parallelable, Average-Current-Mode
Controllers
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
500ns/div
OUTPUT RIPPLE
MAX5038A/41A toc28
VOUT
(AC-COUPLED)
10mV/div
VIN = +12V
VOUT = +1.75V
IOUT = 52A
2ms/div
INPUT STARTUP RESPONSE
MAX5038A/41A toc29
VIN
5V/div
VIN = +12V
VOUT = +1.75V
IOUT = 52A
VPGOOD
1V/div
VOUT
1V/div
1ms/div
ENABLE STARTUP RESPONSE
MAX5038A/41A toc30
VEN
2V/div
VPGOOD
1V/div
VOUT
1V/div
VIN = +12V
VOUT = +1.75V
IOUT = 52A
40
µs/div
LOAD-TRANSIENT RESPONSE
MAX5038A/41A toc31
VIN = +12V
VOUT = +1.75V
ISTEP = 8A TO 52A
tRISE = 1
µs
VOUT
50mV/div
REVERSE-CURRENT SINK vs.
TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
2.4
2.5
2.6
2.7
2.8
2.3
-40
85
VEXTERNAL = +3.3V
R1 = R2 = 1.5m
Ω
VEXTERNAL = +2V
VIN = +12V
VOUT = +1.5V
200
µs/div
REVERSE-CURRENT SINK
AT INPUT TURN-ON
MAX5038A/41A toc33
VIN = +12V
VOUT = +1.5V
VEXTERNAL = 2.5V
R1 = R2 = 1.5m
Ω
REVERSE
CURRENT
5A/div
0A
200
µs/div
REVERSE-CURRENT SINK
AT INPUT TURN-ON
MAX5038A/41A toc34
VIN = +12V
VOUT = +1.5V
VEXTERNAL = 3.3V
R1 = R2 = 1.5m
Ω
REVERSE
CURRENT
10A/div
0A
200
µs/div
REVERSE-CURRENT SINK
AT ENABLE TURN-ON
MAX5038A/41 toc35
VIN = +12V
VOUT = +1.5V
VEXTERNAL = 2.5V
R1 = R2 = 1.5m
Ω
REVERSE
CURRENT
5A/div
0A
200
µs/div
REVERSE-CURRENT SINK
AT ENABLE TURN-ON
MAX5038A/41 toc36
VIN = +12V
VOUT = +1.5V
VEXTERNAL = 3.3V
R1 = R2 = 1.5m
Ω
REVERSE
CURRENT
10A/div
0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com