Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX509BC/D Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX509BC/D
Description  Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX509BC/D Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX509BC/D Datasheet HTML 12Page - Maxim Integrated Products MAX509BC/D Datasheet HTML 13Page - Maxim Integrated Products MAX509BC/D Datasheet HTML 14Page - Maxim Integrated Products MAX509BC/D Datasheet HTML 15Page - Maxim Integrated Products MAX509BC/D Datasheet HTML 16Page - Maxim Integrated Products MAX509BC/D Datasheet HTML 17Page - Maxim Integrated Products MAX509BC/D Datasheet HTML 18Page - Maxim Integrated Products MAX509BC/D Datasheet HTML 19Page - Maxim Integrated Products MAX509BC/D Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Quad, Serial 8-Bit DACs
with Rail-to-Rail Outputs
18
______________________________________________________________________________________
Figure 15. MAX510 AGND Bias Circuit (Negative Offset)
DAC A
DAC B
DAC C
DAC D
MAX510
OUTA
OUTB
OUTC
OUTD
SERIAL
INTERFACE
NOT SHOWN
REFERENCE INPUTS
2
1
16
15
VDD
+5V
13
4
14
3
-5V
6
VSS
AGND
DGND
5
0.1
µF
0.1
µF
MAX873
+5V
0.1
µF
R1
330k
0.1%
+5V
+2.5V
0.1
µF
0.1
µF
-5V
6
8
7
2
3
1
R2
330k
0.1%
ICL7611A
6
4
2
DAC A
DAC B
DAC C
DAC D
MAX509
OUTA
OUTB
OUTC
OUTD
SERIAL
INTERFACE
NOT SHOWN
REFERENCE INPUTS (VSS TO VDD)
2
1
20
19
VDD
+5V
16
517
418
3
AGND OR -5V
8
VSS
AGND
DGND
6
*CONNECT ICL7612A PIN 8 TO AGND
+5V
0.1
µF
0.1
µF
R1
0.1
µF
R2
-5V
VOUT
+5V
R1
R2
0.1
µF
VOUT
0.1
µF
-5V
0.1
µF
ICL7612A*
ICL7612A*
Figure 16. MAX509 Bipolar Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com