Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX512CSD Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX512CSD
Description  Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX512CSD Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX512CSD Datasheet HTML 8Page - Maxim Integrated Products MAX512CSD Datasheet HTML 9Page - Maxim Integrated Products MAX512CSD Datasheet HTML 10Page - Maxim Integrated Products MAX512CSD Datasheet HTML 11Page - Maxim Integrated Products MAX512CSD Datasheet HTML 12Page - Maxim Integrated Products MAX512CSD Datasheet HTML 13Page - Maxim Integrated Products MAX512CSD Datasheet HTML 14Page - Maxim Integrated Products MAX512CSD Datasheet HTML 15Page - Maxim Integrated Products MAX512CSD Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Bipolar Output
Using Figure 4’s circuit, the MAX512/MAX13 can be con-
figured for bipolar outputs. Table 4 lists the bipolar codes
and corresponding output voltages. There are two ways to
achieve
rail-to-rail
outputs:
1)
Operate
the
MAX512/MAX513 with a single supply and positive refer-
ence voltages or 2) Use dual supplies with a positive or
negative voltage at REFAB and a positive voltage at REFC.
In either case, the op amps need dual supplies. When
using the dual-supply mode, possible errors associated
with the divide-by-two attenuator and gain-of-two buffer are
eliminated (see the
Output Buffer Amplifier section). For
maximum output swing of all outputs in dual-supply mode,
connect REFAB to VSS and REFC to VDD. In single-supply
mode, connect REFAB, REFC, and VDD together.
With dual supplies, DACs A and B can perform four-
quadrant multiplication. Please note that in dual-supply
mode, the REFAB input ranges from VSS to (VDD -
1.5V). Because REFC accepts only positive inputs,
DAC C performs two-quadrant multiplication.
Figure 4 shows Maxim’s ICL7612A with rail-to-rail input
common-mode range and rail-to-rail output voltage
swing—ideal for a high output voltage swing from low
supply voltages.
RF Applications
Both the MAX512 and MAX513 can bias GaAs FETs,
where the gate of the FETs must be negatively biased
to ensure that there is no drain current. In a typical
application, power to the RF amplifiers should not be
turned on until the bias voltages provided by DAC A
and DAC B are fully established; likewise, the supply
should be turned off before the bias voltage is switched
off. Figure 5 shows how DAC B supplies the negative
bias VGG1 for the driver stage and DAC A provides the
negative bias VGG2 for the output stage [1].
The DAC A and DAC B outputs are also ideal for con-
trolling VCOs in mobile radios or cellular phones. Other
applications include varactor and PIN diode circuits.
The unbuffered DAC C provides a span within GND
and VDD and is individually set at REF C. DAC C typi-
cally adjusts offset and gain in the system.
1 [John Wachsmann. “A High-Efficiency GaAs MMIC Power Amplifier for
1.9GHz PCS Applications,” Proceedings of the First Annual Wireless
Symposium, pp. 375, Penton Publishing, Jan. 1993.]
Low-Cost, Triple, 8-Bit Voltage-Output DACs
with Serial Interface
______________________________________________________________________________________
13
DAC CONTENTS
B7 B6 B5 B4 B3 B2 B1 B0
ANALOG
OUTPUT
1
1
1
1
1
1
1
1
+×


REF_
255
256
1
0
0
0
0
0
0
1
+×


REF_
129
256
1
0
0
0
0
0
0
0
+×


=+
REF_
128
256
REF_
2
0
1
1
1
1
1
1
1
+×


REF_
127
256
0
0
0
0
0
0
0
1
+×


REF_
1
256
0
0
0
0
0
0
0
0
0V
Note :
1LSB
REF_
2
REF_
1
256
ANALOG OUTPUT
REF_
D
256
8
=×
=
×


=×


−
Table 3. Unipolar Code Table
DAC CONTENTS
B7 B6 B5 B4 B3 B2 B1 B0
ANALOG
OUTPUT
1
1
1
1
1
1
1
1
+×


REF_
127
128
1
0
0
0
0
0
0
1
+×


REF_
1
128
0
1
1
1
1
1
1
1
−×


REF_
1
128
0
0
0
0
0
0
0
1
−×


REF_
127
128
0
0
0
0
0
0
0
0
−×


−
REF_
128
128
=
REF_
1
0
0
0
0
0
0
0
0V
Note :
1LSB
REF_
2
REF_
1
128
ANALOG OUTPUT
REF_
D
128
1
8 - 1)
=×
=
×


=×
−


−(
Table 4. Bipolar Code Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com