Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8745BI-21 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS8745BI-21
Description  Output frequency range
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8745BI-21 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS8745BI-21 Datasheet HTML 1Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 2Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 3Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 4Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 5Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 6Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 7Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 8Page - Integrated Device Technology ICS8745BI-21 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ICS8745BMI-21 REVISION D JULY 28, 2010
2
©2010 Integrated Device Technology, Inc.
ICS8745BI-21 Data Sheet
1:1 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1
CLK
Input
Pulldown
Non-inverting differential clock input.
2
nCLK
Input
Pullup
Inverting differential clock input.
3
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are reset
causing the true output Q to go low and the inverted output nQ to go high.
When logic LOW, the internal dividers and the outputs are enabled.
LVCMOS / LVTTL interface levels.
4
nFBIN
Input
Pullup
Inverting differential feedback input to phase detector for regenerating clocks with
“Zero Delay.”
5
FBIN
Input
Pulldown
Non-inverted differential feedback input to phase detector for regenerating clocks
with “Zero Delay.”
6, 15,
19, 20
SEL2, SEL3,
SEL0 SEL1
Input
Pulldown
Determines output divider values in Table 3. LVCMOS / LVTTL interface levels.
7, 11
VDDO
Power
Output supply pins.
8, 9
nQFB/QFB
Output
Differential feedback output pair. LVDS interface levels.
10, 14
GND
Power
Power supply ground.
12, 13
nQ/Q
Output
Differential output pair. LVDS interface levels.
16
VDDA
Power
Analog supply pin.
17
PLL_SEL
Input
Pullup
PLL select. Selects between the PLL and reference clock as the input to the
dividers. When LOW, selects reference clock. LVCMOS/LVTTL interface levels.
18
VDD
Power
Core supply pin.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k
Ω
RPULLDOWN
Input Pulldown Resistor
51
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com