Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX509BEPP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX509BEPP
Description  Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX509BEPP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX509BEPP Datasheet HTML 1Page - Maxim Integrated Products MAX509BEPP Datasheet HTML 2Page - Maxim Integrated Products MAX509BEPP Datasheet HTML 3Page - Maxim Integrated Products MAX509BEPP Datasheet HTML 4Page - Maxim Integrated Products MAX509BEPP Datasheet HTML 5Page - Maxim Integrated Products MAX509BEPP Datasheet HTML 6Page - Maxim Integrated Products MAX509BEPP Datasheet HTML 7Page - Maxim Integrated Products MAX509BEPP Datasheet HTML 8Page - Maxim Integrated Products MAX509BEPP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Quad, Serial 8-Bit DACs
with Rail-to-Rail Outputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V ±10%, VSS = 0V to -5.5V, VREF = 4V, AGND = DGND = 0V, RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX,
unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
SYMBOL
VSS
VDD
V
MAX509
16
24
MAX510
Input Resistance (Note 1)
812
k
Ω
Code = 55 hex
MAX509
15
(Note 4)
AC Feedthrough
-70
dB
(Note 3)
Channel-to-Channel Isolation
-60
dB
MAX510
Input Capacitance (Note 2)
30
pF
Code = 00 hex
10
2
VREF = 4V, load regulation
≤ 1/4LSB
2
Full-Scale Output Voltage
VSS
VDD
V
Resistive Load
10
k
Ω
Input High Voltage
2.4
V
VIH
VREF = -4V, VSS = -5V ±10%,
load regulation
≤ 1/4LSB
VREF = VDD MAX5_ _C/E,
load regulation
≤ 1LSB
VREF = VDD MAX5_ _M,
load regulation
≤ 2LSB
Input Low Voltage
0.8
V
VIL
VIN = 0V or VDD
Input Current
1.0
µA
IIN
(Note 5)
Input Capacitance
10
pF
CIN
ISOURCE = 0.2mA
Output High Voltage
VDD - 0.5
V
VOH
ISINK = 1.6mA
Output Low Voltage
0.4
V
VOL
MAX5_ _E
0.7
MAX5_ _C
1.0
MAX5_ _M
Voltage-Output Slew Rate
0.5
V/µs
Positive and negative
To 1/2LSB, 10k
Ω II 100pF load
Output Settling Time (Note 6)
6
µs
Digital Feedthrough
5
nV-s
Wideband Amplifier Noise
60
MHz
VREF = 0.5Vp-p, 3dB bandwidth
Multiplying Bandwidth
1
VREF = 4Vp-p at 1kHz, VDD = 5V,
code = FF hex
Digital-to-Analog Glitch Impulse
87
Code 128¨127
12
nV-s
Code = 00 hex, all digital inputs
from 0V to VDD
Signal-to-Noise + Distortion Ratio
VREF = 4Vp-p at 20kHz, VSS = -5V ±10%
74
dB
SINAD
µVRMS
REFERENCE INPUTS
DAC OUTPUTS
DIGITAL INPUTS
DIGITAL OUTPUTS
DYNAMIC PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com