Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX512C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX512C/D
Description  Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX512C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX512C/D Datasheet HTML 3Page - Maxim Integrated Products MAX512C/D Datasheet HTML 4Page - Maxim Integrated Products MAX512C/D Datasheet HTML 5Page - Maxim Integrated Products MAX512C/D Datasheet HTML 6Page - Maxim Integrated Products MAX512C/D Datasheet HTML 7Page - Maxim Integrated Products MAX512C/D Datasheet HTML 8Page - Maxim Integrated Products MAX512C/D Datasheet HTML 9Page - Maxim Integrated Products MAX512C/D Datasheet HTML 10Page - Maxim Integrated Products MAX512C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Low-Cost, Triple, 8-Bit Voltage Output DACs
with Serial Interface
_______________________________________________________________________________________
7
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
A
POSITIVE SETTLING TIME (DAC A)
20
µs/div
VDD = 3V, VSS = 0V, REFAB = VDD, RL = 1k Ω, CL = 0.1µF
ALL BITS OFF TO ALL BITS ON
B
A: CS, 2V/div
B: OUTA, 20mV/div
A
POSITIVE SETTLING TIME (DAC C)
10
µs/div
VDD = 3V, VSS = 0V, REFC = VDD, RL = ∞, CL = 122pF
ALL BITS OFF TO ALL BITS ON
B
A: CS, 2V/div
B: OUTC, 20mV/div
A
POSITIVE SETTLING TIME (DAC B)
20
µs/div
VDD = 3V, VSS = 0V, REFAB = VDD, RL = 10k Ω, CL = 0.01µF
ALL BITS OFF TO ALL BITS ON
B
A: CS, 2V/div
B: OUTB, 20mV/div
A
POSITIVE SETTLING TIME WITH DUAL SUPPLIES
10
µs/div
VDD = 5V, VSS = -5V, REFAB = 2.56V, RL = 1k Ω, CL = 0.1µF
ALL BITS OFF TO ALL BITS ON
B
A: CS, 5V/div
B: OUTA, 10mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com