Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5121AEEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5121AEEE
Description  3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5121AEEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5121AEEE Datasheet HTML 1Page - Maxim Integrated Products MAX5121AEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5121AEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5121AEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5121AEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5121AEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5121AEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5121AEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5121AEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX5120/MAX5121 are low-power, 12-bit, voltage-
output digital-to-analog converters (DACs) with an inter-
nal precision bandgap reference and an output amplifier.
The MAX5120 operates on a +5V supply with an internal
amplifier reference of +2.5V and is capable of a +4.095V
full-scale output range. The MAX5121, operating on +3V,
delivers its +2.0475V full-scale output with an internal
precision reference of +1.25V. If necessary, the user can
override the internal, <10ppm/°C voltage reference with
an external reference. Both devices draw only 500µA of
supply current, which reduces to 3µA in power-down
mode. In addition, their power-up reset feature allows for
a user-selectable initial output state of either 0V or mid-
scale and minimizes output voltage glitches during
power-up.
The serial interface is compatible with SPI™, QSPI™
and MICROWIRE™, which makes the MAX5120/
MAX5121 suitable for cascading multiple devices. Each
DAC has a double-buffered input organized as an input
register followed by a DAC register. A 16-bit shift regis-
ter loads data into the input register. The DAC register
may be updated independently or simultaneously with
the input register.
Both devices are available in a 16-pin QSOP package
and are specified for the extended industrial (-40°C to
+85°C) temperature range. For pin-compatible 14-bit
upgrades, see the MAX5170/MAX5172 data sheet;
for pin-compatible 13-bit versions, see the MAX5130/
MAX5131 data sheet.
________________________Applications
Industrial Process Controls
Automatic Test Equipment (ATE)
Digital Offset and Gain Adjustment
Motion Control
µP-Controlled Systems
Features
o Single-Supply Operation
+5V (MAX5120)
+3V (MAX5121)
o Full-Scale Output Range
+4.095V (MAX5120)
+2.0475V (MAX5121)
o Built-In 10ppm/°C (max) Precision Bandgap
Reference
+2.5V (MAX5120)
+1.25V (MAX5121)
o Adjustable Output Offset
o SPI/QSPI/MICROWIRE-Compatible, 3-Wire Serial
Interface
o Pin-Programmable Shutdown Mode and Power-
Up Reset (0V or Midscale Output Voltage)
o Buffered Output Capable of Driving 5k
Ω 100pF
or 4–20mA Loads
o Space-Saving 16-Pin QSOP Package
o Pin-Compatible 13-Bit Upgrades Available
(MAX5130/MAX5131)
o Pin-Compatible 14-Bit Upgrades Available
(MAX5170/MAX5172)
+3V/+5V, 12-Bit, Serial Voltage-Output DACs
with Internal Reference
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OS
VDD
REFADJ
REF
AGND
PD
UPO
DOUT
DGND
TOP VIEW
MAX5120
MAX5121
QSOP
OUT
RSTVAL
CS
PDL
CLR
DIN
SCLK
19-1428; Rev 0; 2/99
PART
MAX5120AEEE
MAX5120BEEE
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
16 QSOP
16 QSOP
Pin Configuration
Ordering Information
INL
(LSB)
±0.5
±1
MAX5121AEEE
MAX5121BEEE
±1
-40°C to +85°C
-40°C to +85°C
16 QSOP
16 QSOP
±2
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.


Similar Part No. - MAX5121AEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
MAX5122 MAXIM-MAX5122 Datasheet
285Kb / 20P
5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5122AEEE MAXIM-MAX5122AEEE Datasheet
285Kb / 20P
5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5122BEEE MAXIM-MAX5122BEEE Datasheet
285Kb / 20P
5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5123AEEE MAXIM-MAX5123AEEE Datasheet
285Kb / 20P
5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
More results

Similar Description - MAX5121AEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
MAX5122 MAXIM-MAX5122 Datasheet
285Kb / 20P
5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5130 MAXIM-MAX5130 Datasheet
291Kb / 20P
3V/5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5132 MAXIM-MAX5132 Datasheet
280Kb / 20P
5V/3V, 13-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX5232 MAXIM-MAX5232 Datasheet
973Kb / 18P
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5230 MAXIM-MAX5230 Datasheet
781Kb / 18P
3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5232 MAXIM-MAX5232_09 Datasheet
656Kb / 18P
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com