Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS87002-05 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS87002-05
Description  Third generation FemtoClock
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87002-05 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS87002-05 Datasheet HTML 1Page - Integrated Device Technology ICS87002-05 Datasheet HTML 2Page - Integrated Device Technology ICS87002-05 Datasheet HTML 3Page - Integrated Device Technology ICS87002-05 Datasheet HTML 4Page - Integrated Device Technology ICS87002-05 Datasheet HTML 5Page - Integrated Device Technology ICS87002-05 Datasheet HTML 6Page - Integrated Device Technology ICS87002-05 Datasheet HTML 7Page - Integrated Device Technology ICS87002-05 Datasheet HTML 8Page - Integrated Device Technology ICS87002-05 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ICS87002BM-05 REVISION B APRIL 16, 2010
2
©2010 Integrated Device Technology, Inc.
ICS87002-05 Data Sheet
1:2 LVCMOS/LVTTL-TO-LVCMOS/LVTTL ZERO DELAY BUFFER FOR AUDIO
Table 1. Pin Descriptions
Table 2. Pin Characteristics
Number
Name
Type
Description
1
REF_CLK
Input
Single-ended reference clock input. LVCMOS/LVTTL interface levels.
2, 6
VDD
Power
Power supply pin.
3, 5
GND
Power
Power supply ground.
4, 7
Q2, Q1
Output
Single-ended clock outputs. 15
Ω typical output impedance. LVCMOS/LVTTL interface level.
8
nc
Unused
No connect.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
CPD
Power Dissipation Capacitance
VDD = 3.6V
8
pF
ROUT
Output Impedance
VDD = 3.3V ± 0.3V
15
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com