Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX509BEAP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX509BEAP
Description  Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX509BEAP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX509BEAP Datasheet HTML 2Page - Maxim Integrated Products MAX509BEAP Datasheet HTML 3Page - Maxim Integrated Products MAX509BEAP Datasheet HTML 4Page - Maxim Integrated Products MAX509BEAP Datasheet HTML 5Page - Maxim Integrated Products MAX509BEAP Datasheet HTML 6Page - Maxim Integrated Products MAX509BEAP Datasheet HTML 7Page - Maxim Integrated Products MAX509BEAP Datasheet HTML 8Page - Maxim Integrated Products MAX509BEAP Datasheet HTML 9Page - Maxim Integrated Products MAX509BEAP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Quad, Serial 8-DACs
with Rail-to-Rail Outputs
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
A = REFA, 10Vp-p
B = OUTA, 100
µV/div, UNLOADED
TIMEBASE = 10
µs/div
VDD = +5V, VSS = -5V
CODE = ALL 0s
REFERENCE FEEDTHROUGH AT 40kHz
A
B
A = REFA, 10Vp-p
B = OUTA, 50
µV/div, UNLOADED
TIMEBASE = 1ms/div
REFERENCE FEEDTHROUGH AT 400Hz
A
B
A = REFA, 10Vp-p
B = OUTA, 50
µV/div, UNLOADED
TIMEBASE = 50
µs/div
REFERENCE FEEDTHROUGH AT 10kHz
A
B
5V
50µV
100µS
A = REFA, 10Vp-p
B = OUTA, 50
µV/div, UNLOADED
TIMEBASE = 100
µs/div
REFERENCE FEEDTHROUGH AT 4kHz
A
B
10
5.0
3.6
0-4
ZERO-CODE ERROR
vs. NEGATIVE SUPPLY VOLTAGE
3.8
4.8
VSS (V)
-3
4.4
4.0
-1
-2
4.6
3.4
4.2
-5
-6
VDD = +5V
VREF = +4V
A = CS, 2V/div
B = OUTA, 20mV ˜
TIMEBASE = 200ns/div
WORST-CASE 1LSB DIGITAL STEP CHANGE
A
B
200nS
2V
20mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com