Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS87004I Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS87004I
Description  Output frequency range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87004I Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS87004I Datasheet HTML 1Page - Integrated Device Technology ICS87004I Datasheet HTML 2Page - Integrated Device Technology ICS87004I Datasheet HTML 3Page - Integrated Device Technology ICS87004I Datasheet HTML 4Page - Integrated Device Technology ICS87004I Datasheet HTML 5Page - Integrated Device Technology ICS87004I Datasheet HTML 6Page - Integrated Device Technology ICS87004I Datasheet HTML 7Page - Integrated Device Technology ICS87004I Datasheet HTML 8Page - Integrated Device Technology ICS87004I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATA SHEET
ICS87004AGI REVISION D JANUARY 4, 2010
1
©2009 Integrated Device Technology, Inc.
1:4, Differential-to-LVCMOS/LVTTL
Zero Delay Clock Generator
ICS87004I
General Description
The ICS87004I is a highly versatile 1:4 Differential-
to-LVCMOS/LVTTL Clock Generator. The ICS87004I
has two selectable clock inputs. The CLK0, nCLK0
and CLK1, nCLK1 pairs can accept most standard
differential input levels. Internal bias on the nCLK0 and
nCLK1 inputs allows the CLK0 and CLK1 inputs to accept
LVCMOS/LVTTL. The ICS87004I has a fully integrated PLL and can
be configured as a zero delay buffer, multiplier or divider and has an
input and output frequency range of 15.625MHz to 250MHz. The
reference divider, feedback divider and output divider are each
programmable, thereby allowing for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8. The external
feedback allows the device to achieve “zero delay” between the input
clock and the output clocks. The PLL_SEL pin can be used to
bypass the PLL for system test and debug purposes. In bypass
mode, the reference clock is routed around the PLL and into the
internal output dividers.
Features
• Four LVCMOS/LVTTL outputs, 7Ω typical output impedance
• Selectable CLK0/nCLK0 or CLK1/nCLK1 clock inputs
• CLKx/nCLKx pairs can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Internal bias on nCLK0 and nCLK1 to support LVCMOS/LVTTL
levels on CLK0 and CLK1 inputs
• Output frequency range: 15.625MHz to 250MHz
• Input frequency range: 15.625MHz to 250MHz
• VCO range: 250MHz to 500MHz
• External feedback for “zero delay” clock regeneration with
configurable frequencies
• Programmable dividers allow for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
• Fully integrated PLL
• Cycle-to-cycle jitter: 45ps (maximum)
• Output skew: 65ps (maximum)
• Static phase offset: 50ps ± 150ps (3.3V ± 5%), CLK0/nCLK0
• Full 3.3V or 2.5V output operating supply
• 5V tolerant
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
HiPerClockS™
ICS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
Q0
VDDO
SEL0
SEL1
SEL2
SEL3
CLK_SEL
VDD
CLK0
nCLK0
GND
Q1
VDDO
GND
Q2
VDDO
Q3
MR
FB_IN
PLL_SEL
CLK1
nCLK1
VDDA
ICS87004I
24-Lead TSSOP
7.8mm x 4.4mm x 0.925mm package body
G Package
Top View
Block Diagram
0
1
Q0
Q1
Q2
Q3
PLL_SEL
FB_IN
SEL0
SEL1
SEL2
SEL3
MR
CLK0
nCLK0
PLL
8:1, 4:1, 2:1, 1:1,
1:2, 1:4, 1:8
÷2, ÷4, ÷8, ÷16
÷32, ÷64, ÷128
Pullup/Pulldown
Pulldown
CLK_SEL Pulldown
Pulldown
Pulldown
CLK1
nCLK1 Pullup/Pulldown
Pulldown
Pullup
Pulldown
Pulldown
Pulldown
Pulldown
0
1
Pin Assignment


Similar Part No. - ICS87004I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
logo
Integrated Device Techn...
ICS87004I-03 IDT-ICS87004I-03 Datasheet
254Kb / 12P
LVCMOS/LVTTL FANOUT BUFFER/DIVIDER Maximum output frequency: 250MHz
logo
Renesas Technology Corp
ICS87004I-03 RENESAS-ICS87004I-03 Datasheet
367Kb / 16P
LVCMOS/ LVTTL Fanout Buffer/ Divider
2019
More results

Similar Description - ICS87004I

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
Output 50廓 Wide frequency range
logo
Integrated Device Techn...
8705I IDT-8705I Datasheet
276Kb / 18P
Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
Output frequency range
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
Output frequency range
XUH IDT-XUH Datasheet
255Kb / 12P
Frequency range
logo
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
Dual output frequency range
Rev. B
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
Dual output frequency range
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com