Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS831724I Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS831724I
Description  LVCMOS interface levels for all control inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS831724I Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS831724I Datasheet HTML 1Page - Integrated Device Technology ICS831724I Datasheet HTML 2Page - Integrated Device Technology ICS831724I Datasheet HTML 3Page - Integrated Device Technology ICS831724I Datasheet HTML 4Page - Integrated Device Technology ICS831724I Datasheet HTML 5Page - Integrated Device Technology ICS831724I Datasheet HTML 6Page - Integrated Device Technology ICS831724I Datasheet HTML 7Page - Integrated Device Technology ICS831724I Datasheet HTML 8Page - Integrated Device Technology ICS831724I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DATA SHEET
Differential Clock/Data Multiplexer
ICS831724I
ICS831724AKI REVISION A MAY 16, 2013
1
©2013 Integrated Device Technology, Inc
General Description
The ICS831724I is a high-performance, differential HCSL clock/data
multiplexer and fanout buffer. The device is designed for the
multiplexing and fanout of high-frequency clock and data signals. The
device has two differential, selectable clock/data inputs. The selected
input signal is distributed to four low-skew differential HCSL outputs.
Each input pair accepts HCSL, LVDS and LVPECL levels. The
ICS831724I is characterized to operate from a 3.3V power supply.
Guaranteed input, output-to-output and part-to-part skew
characteristics make the ICS831724I ideal for those clock and data
distribution applications demanding well-defined performance and
repeatability. The ICS831724I supports the clock multiplexing and
distribution of PCI Express Generation 1, 2, and 3 clock signals.
Features
2:1 differential clock/data multiplexer with fanout
Two selectable, differential inputs
Each differential input pair can accept the following levels: HCSL,
LVDS, LVPECL.
Four differential HCSL outputs
Maximum input/output clock frequency: 350MHz
Maximum input/output data rate: 700Mb/s (NRZ)
LVCMOS interface levels for all control inputs
PCI Express Gen 1,2,3 jitter compliant
Input skew: 165ps (maximum)
Output skew: 175ps (maximum)
Part-to-part skew: 450ps (maximum)
Full 3.3V supply voltage
Available in lead-free (RoHS 6) package
-40°C to 85°C ambient operating temperature
910 11 12 13 14 15 16
32 31 30
29 28
27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VDD
nOED
CLK0
nCLK0
CLK1
nCLK1
nOEA
VDD
nc
nOEC
nc
nc
nc
nc
SEL
nc
Block Diagram
QA
nQA
QB
nQB
QC
nQC
QD
nQD
IREF
CLK0
nCLK0
CLK1
nCLK1
SEL
nOEA
nOEB
nOEC
nOED
Pulldown
Pullup
Pullup
Pullup
Pullup
Pullup/down
Pulldown
Pullup/down
Pulldown
0
1
Pin Assignment
ICS831724I
32-Lead VFQFN
5mm x 5mm x 0.925mm package body
K Package
Top View


Similar Part No. - ICS831724I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS831721I IDT-ICS831721I Datasheet
2Mb / 17P
Differential Clock/Data Multiplexer
ICS831721I IDT-ICS831721I Datasheet
622Kb / 18P
Differential Clock/Data Multiplexer
logo
Renesas Technology Corp
ICS831721I RENESAS-ICS831721I Datasheet
1,022Kb / 19P
Differential Clock/Data Multiplexer
FEBRUARY 3, 2014
logo
Integrated Device Techn...
ICS831721I IDT-ICS831721I_14 Datasheet
622Kb / 18P
Differential Clock/Data Multiplexer
More results

Similar Description - ICS831724I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8SLVP1208 IDT-8SLVP1208 Datasheet
783Kb / 23P
LVCMOS interface levels for the control input
ICS831752I IDT-ICS831752I Datasheet
977Kb / 16P
LVCMOS interface levels for the control inputs
logo
Integrated Silicon Solu...
IS42RM32400F ISSI-IS42RM32400F Datasheet
451Kb / 27P
All pins are compatible with LVCMOS interface
IS42VM32400G ISSI-IS42VM32400G Datasheet
545Kb / 33P
All pins are compatible with LVCMOS interface
IS62C5128BL ISSI-IS62C5128BL Datasheet
512Kb / 14P
TTL compatible interface levels
IS62WV2568DALL ISSI-IS62WV2568DALL Datasheet
468Kb / 14P
TTL compatible interface levels
IS62WV10248DALL ISSI-IS62WV10248DALL Datasheet
490Kb / 15P
TTL compatible interface levels
IS62WV20488EALL ISSI-IS62WV20488EALL Datasheet
656Kb / 14P
TTL compatible interface levels
IS62WV51216EALL ISSI-IS62WV51216EALL Datasheet
1Mb / 18P
TTL compatible interface levels
IS62WV102416EALL ISSI-IS62WV102416EALL Datasheet
1Mb / 15P
TTL compatible interface levels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com