Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS831742I Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS831742I
Description  Maximum input/output clock frequency
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS831742I Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS831742I Datasheet HTML 1Page - Integrated Device Technology ICS831742I Datasheet HTML 2Page - Integrated Device Technology ICS831742I Datasheet HTML 3Page - Integrated Device Technology ICS831742I Datasheet HTML 4Page - Integrated Device Technology ICS831742I Datasheet HTML 5Page - Integrated Device Technology ICS831742I Datasheet HTML 6Page - Integrated Device Technology ICS831742I Datasheet HTML 7Page - Integrated Device Technology ICS831742I Datasheet HTML 8Page - Integrated Device Technology ICS831742I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DATA SHEET
ICS831742AGI JULY 10, 2012
1
©2012 Integrated Device Technology, Inc.
4:2 Differential Clock/Data
Multiplexer
ICS831742I
General Description
The ICS831742I is a high-performance, differential HCSL clock/data
multiplexer and fanout buffer. The device is designed for the
multiplexing and fanout of high-frequency clock and data signals. The
device has four differential, selectable clock/data inputs. The selected
input signal is distributed to two low-skew differential HCSL outputs.
Each input pair accepts HCSL, LVDS and LVPECL levels. The
ICS831742I is characterized to operate from a 3.3V power supply.
Guaranteed input, output-to-output and part-to-part skew
characteristics make the ICS831742I ideal for those clock and data
distribution applications demanding well-defined performance and
repeatability. The ICS831742I supports the clock multiplexing and
distribution of PCI Express (2.5 Gb/s), Gen 2 (5 Gb/s) and
Gen 3 (8 Gb/s) clock signals.
Features
4:2 differential clock/data multiplexer with fanout
Four selectable, differential input pairs
Each differential input pair can accept the following levels: HCSL,
LVDS and LVPECL
Two differential HCSL output pairs
Maximum input/output clock frequency: 700MHz
Maximum input/output data rate: 1400Mb/s (NRZ)
LVCMOS interface levels for all control inputs
PCI Express (2.5Gb/s), Gen 2 (5 Gb/s) and Gen 3 (8 Gb/s) clock
jitter compliant
Input skew: 110ps max
Part-to-part skew: 225ps max
Full 3.3V supply voltage
Available in lead-free (RoHS 6)
-40°C to 85°C ambient operating temperature
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
CLK0
nCLK0
VDD
CLK1
nCLK1
CLK2
nCLK2
GND
CLK3
nCLK3
VDD
SEL1
IREF
VDD
SEL0
QB
nQB
nQA
QA
VDD
GND
nOEB
nOEA
Block Diagram
QA
nQA
QB
nQB
IREF
CLK0
nCLK0
CLK1
nCLK1
CLK2
nCLK2
CLK3
nCLK3
SEL1
SEL0
nOEA
nOEB
Pullup/down
Pulldown
Pulldown
Pulldown
Pullup
Pullup
Pullup/down
Pulldown
Pullup/down
Pulldown
Pullup/down
Pulldown
0 0
0 1
1 0
1 1
Pin Assignment
ICS831742AGI
24-Lead TSSOP
4.4mm x 7.8mm x 0.925mm package body
G Package
Top View


Similar Part No. - ICS831742I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS831721I IDT-ICS831721I Datasheet
2Mb / 17P
Differential Clock/Data Multiplexer
ICS831721I IDT-ICS831721I Datasheet
622Kb / 18P
Differential Clock/Data Multiplexer
logo
Renesas Technology Corp
ICS831721I RENESAS-ICS831721I Datasheet
1,022Kb / 19P
Differential Clock/Data Multiplexer
FEBRUARY 3, 2014
logo
Integrated Device Techn...
ICS831721I IDT-ICS831721I_14 Datasheet
622Kb / 18P
Differential Clock/Data Multiplexer
ICS831724I IDT-ICS831724I Datasheet
647Kb / 24P
LVCMOS interface levels for all control inputs
More results

Similar Description - ICS831742I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8SLVP1204 IDT-8SLVP1204 Datasheet
486Kb / 25P
Maximum input clock frequency
8SLVP2104 IDT-8SLVP2104 Datasheet
880Kb / 23P
Maximum input clock frequency
IDT8P34S1204I IDT-IDT8P34S1204I Datasheet
344Kb / 19P
Maximum input clock frequency
IDT8SLVD1208I IDT-IDT8SLVD1208I Datasheet
374Kb / 20P
Maximum input clock frequency
IDT8SLVP1102I IDT-IDT8SLVP1102I Datasheet
667Kb / 22P
Maximum input clock frequency
IDT8SLVP1104I IDT-IDT8SLVP1104I Datasheet
375Kb / 22P
Maximum input clock frequency
IDT8SLVP1212I IDT-IDT8SLVP1212I Datasheet
881Kb / 25P
Maximum input clock frequency
IDT8SLVP2102I IDT-IDT8SLVP2102I Datasheet
956Kb / 23P
Maximum input clock frequency
ICS853S057I IDT-ICS853S057I Datasheet
852Kb / 16P
Maximum input/output frequency
logo
Unisonic Technologies
U8C3525G-S16-R UTC-U8C3525G-S16-R Datasheet
183Kb / 6P
Maximum clock frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com