Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5233EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5233EEE
Description  3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5233EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5233EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 9Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 10Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 11Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs
with Internal Reference
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +3V (MAX5232), VDD = +5V (MAX5233), RL = 5k
Ω, CL = 100pF, OS_ = AGND, both DACs enabled with full-scale output code,
TA = +25°C, unless otherwise noted.)
TWO-DACs SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE (MAX5233)
TEMPERATURE (
°C)
60
35
10
-15
230
235
240
245
250
255
225
-40
85
NO LOAD
ONE-DAC SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE (MAX5233)
TEMPERATURE (
°C)
60
35
10
-15
355
360
365
370
375
380
350
-40
85
NO LOAD
FULL-SCALE OUTPUT VOLTAGE
vs. TEMPERATURE (MAX5232)
TEMPERATURE (
°C)
60
35
10
-15
2.0465
2.0470
2.0475
2.0480
2.0460
-40
85
NO LOAD
FULL-SCALE OUTPUT VOLTAGE
vs. TEMPERATURE (MAX5233)
TEMPERATURE (
°C)
60
35
10
-15
4.0915
4.0920
4.0925
4.0930
4.0935
4.0940
4.0910
-40
85
NO LOAD
FULL-SCALE ERROR vs. RESISTIVE LOAD
(MAX5232)
RESISTIVE LOAD (k
Ω)
6.5
5.5
4.5
3.5
2.5
7.5
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0
CHANGE FROM
NO LOAD
0.01
0.02
0.03
0.04
0.05
0.06
0
FULL-SCALE ERROR vs. RESISTIVE LOAD
(MAX5233)
RESISTIVE LOAD (k
Ω)
6.5
5.5
4.5
3.5
2.5
7.5
CHANGE FROM
NO LOAD
DYNAMIC RESPONSE RISE TIME
(MAX5232)
MAX5232/MAX5233 toc19
2
µs/div
VOUT
500mV/div
VCS
2V/div
2.048V
3V
0
10mV
DYNAMIC RESPONSE RISE TIME
(MAX5233)
MAX5232/MAX5233 toc20
2
µs/div
VOUT
1V/div
VCS
5V/div
4.096V
5V
0
10mV
DYNAMIC RESPONSE FALL TIME
(MAX5232)
MAX5232/MAX5233 toc21
2
µs/div
VOUT
500mV/div
VCS
2V/div
2.048V
3V
0
10mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com