Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX525ACAP Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX525ACAP
Description  Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX525ACAP Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX525ACAP Datasheet HTML 8Page - Maxim Integrated Products MAX525ACAP Datasheet HTML 9Page - Maxim Integrated Products MAX525ACAP Datasheet HTML 10Page - Maxim Integrated Products MAX525ACAP Datasheet HTML 11Page - Maxim Integrated Products MAX525ACAP Datasheet HTML 12Page - Maxim Integrated Products MAX525ACAP Datasheet HTML 13Page - Maxim Integrated Products MAX525ACAP Datasheet HTML 14Page - Maxim Integrated Products MAX525ACAP Datasheet HTML 15Page - Maxim Integrated Products MAX525ACAP Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Low-Power, Quad, 12-Bit Voltage-Output DAC
with Serial Interface
.
_Ordering Information (continued)
___________________Chip Information
________________________________________________________Package Information
PART
MAX525BC/D
MAX525AEPP
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
Dice*
20 Plastic DIP
INL
(LSBs)
±1
±1/2
* Dice are specified at TA = +25°C, DC parameters only.
**Contact factory for availability and processing to MIL-STD-883.
MAX525BEPP
MAX525AEAP
MAX525BEAP
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
20 Plastic DIP
20 SSOP
20 SSOP
±1
±1/2
±1
MAX525AMJP
MAX525BMJP
-55°C to +125°C
-55°C to +125°C
20 CERDIP**
20 CERDIP**
±1/2
±1
L
DIM
A
A1
B
C
D
E
e
H
L
α
DIM
D
D
D
D
D
MIN
0.068
0.002
0.010
0.004
0.205
0.301
0.025
0˚
MIN
0.239
0.239
0.278
0.317
0.397
MAX
0.078
0.008
0.015
0.008
0.209
0.311
0.037
8˚
MAX
0.249
0.249
0.289
0.328
0.407
MIN
1.73
0.05
0.25
0.09
5.20
7.65
0.63
0˚
MIN
6.07
6.07
7.07
8.07
10.07
MAX
1.99
0.21
0.38
0.20
5.38
7.90
0.95
8˚
PINS
14
16
20
24
28
MAX
6.33
6.33
7.33
8.33
10.33
INCHES
INCHES
MILLIMETERS
MILLIMETERS
α
SSOP
SHRINK
SMALL-OUTLINE
PACKAGE
H
E
D
A
A1
C
B
0.65 BSC
0.0256 BSC
21-0056A
e
SEE VARIATIONS
TRANSISTOR COUNT: 4337
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1997 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com