Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5250ACAP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5250ACAP
Description  Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5250ACAP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5250ACAP Datasheet HTML 1Page - Maxim Integrated Products MAX5250ACAP Datasheet HTML 2Page - Maxim Integrated Products MAX5250ACAP Datasheet HTML 3Page - Maxim Integrated Products MAX5250ACAP Datasheet HTML 4Page - Maxim Integrated Products MAX5250ACAP Datasheet HTML 5Page - Maxim Integrated Products MAX5250ACAP Datasheet HTML 6Page - Maxim Integrated Products MAX5250ACAP Datasheet HTML 7Page - Maxim Integrated Products MAX5250ACAP Datasheet HTML 8Page - Maxim Integrated Products MAX5250ACAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Low-Power, Quad, 10-Bit Voltage-Output DAC
with Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V ±10%, AGND = DGND = 0V, REFAB = REFCD = 2.5V, RL = 5kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C. Output buffer connected in unity-gain configuration (Figure 9).)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND............................................................-0.3V to +6V
VDD to DGND ...........................................................-0.3V to +6V
AGND to DGND ..................................................................±0.3V
REFAB, REFCD to AGND ...........................-0.3V to (VDD + 0.3V)
OUT_, FB_ to AGND...................................-0.3V to (VDD + 0.3V)
Digital Inputs to DGND.............................................-0.3V to +6V
DOUT, UPO to DGND ................................-0.3V to (VDD + 0.3V)
Continuous Current into Any Pin.......................................±20mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 8.00mW/°C above +70°C) .................640mW
SSOP (derate 8.00mW/°C above +70°C) ......................640mW
CERDIP (derate 11.11mW/°C above +70°C) .................889mW
Operating Temperature Ranges
MAX5250_C_P ......................................................0°C to +70°C
MAX5250_E_P ...................................................-40°C to +85°C
MAX5250BMJP ................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Offset-Error Tempco
6
ppm/°C
Offset Error
VOS
±6.0
mV
Differential Nonlinearity
DNL
±1.0
LSB
Integral Nonlinearity
(Note 1)
INL
±1.0
LSB
Gain Error (Note 1)
GE
±1.0
LSB
Gain-Error Tempco
1
ppm/°C
Power-Supply Rejection Ratio
PSRR
100
800
µV/V
Resolution
N
10
Bits
±0.25
±0.5
Reference Input Range
VREF
0VDD - 1.4
V
Reference Input Resistance
RREF
10
k
Ω
Reference -3dB Bandwidth
650
kHz
Signal-to-Noise Plus
Distortion Ratio
SINAD
72
dB
VREF = 0.67Vp-p
VREF = 1Vp-p at 25kHz, code = full scale
Reference Feedthrough
-84
dB
Input code = all 0s, VREF = 3.6Vp-p at 1kHz
CONDITIONS
Code dependent, minimum at code 554 hex
Guaranteed monotonic
MAX5250B
4.5V
≤ VDD ≤ 5.5V
MAX5250A
STATIC PERFORMANCE—ANALOG SECTION
REFERENCE INPUT
MULTIPLYING-MODE PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com