Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5253BC/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5253BC/D
Description  3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5253BC/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5253BC/D Datasheet HTML 1Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 2Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 3Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 4Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 5Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 6Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 7Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
+3V, Quad, 12-Bit Voltage-Output DAC
with Serial Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +3.0V to +3.6V, AGND = DGND = 0V, REFAB = REFCD = 1.25V, RL = 5kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C. Output buffer connected in unity-gain configuration (Figure 9).)
(Note 4)
(Note 3)
CS = VDD, DIN = 100kHz
VREF = 0.67Vp-p
Rail to rail (Note 2)
To ±1/2LSB, VSTEP = 1.25V
VIN = 0V or VDD
VREF = 1Vp-p at 25kHz
ISINK = 2mA
ISOURCE = 2mA
CONDITIONS
mA
0.82
0.98
IDD
Supply Current
V
3.0
3.6
VDD
Supply Voltage
nV-s
5
Digital Crosstalk
nV-s
5
Digital Feedthrough
µs
20
Start-Up Time Exiting
Shutdown Mode
µA
0
0.1
Current into FB_
V
0 to VDD
Output Voltage Swing
µs
16
Output Settling Time
V/µs
0.6
SR
Voltage Output Slew Rate
V
0.13
0.4
VOL
Output Low Voltage
V
VDD - 0.5
VOH
Output High Voltage
kHz
650
Reference -3dB Bandwidth
pF
8
CIN
Input Capacitance
µA
0.01
±0.1
IIN
Input Leakage Current
V
0.8
VIL
Input Low Voltage
dB
72
SINAD
Signal-to-Noise Plus
Distortion Ratio
V
2.0
VIH
Input High Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Input code = all 0s, VREF = 1.6Vp-p at 1kHz
dB
-84
Reference Feedthrough
(Note 4)
µA
320
Supply Current in Shutdown
µA
0.01
±1
Reference Current in Shutdown
Note 1: Guaranteed from code 11 to code 4095 in unity-gain configuration.
Note 2: Accuracy is better than 0.5LSB for VOUT = 6mV to VDD - 80mV, guaranteed by PSR test on endpoints.
Note 3: Remains operational with supply voltage as low as +2.7V.
Note 4: RL = ∞, digital inputs at DGND or VDD.
RL = ∞
µA
0.01
±1
OUT_ Leakage Current
in Shutdown
MULTIPLYING-MODE PERFORMANCE
DIGITAL INPUTS
DIGITAL OUTPUTS
DYNAMIC PERFORMANCE
POWER SUPPLIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com