Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT5000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FT5000
Description  FT 5000 Smart Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT5000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FT5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Singly-Terminated Bus Topology
Star Topology
Free Topology
= Terminatior
= FT device
Doubly-Terminated Bus Topology
Loop Topology
Figure 2: Free Topology Network
Configurations
The FT-X3 Communications Transformer
is a surface mount communications
transformer that’s compatible with
both the FT 5000 Smart Transceiver
and the previous-generation FT 3120/
FT 3150 Smart Transceivers. The FT-X3
Communications Transformer provides
equivalent noise
immunity to both the FT-X1 and FT-X2
Communication Transformers, the
previous-generation communication
transformers. However, the FT-X3
Communications Transformer is
not pin-compatible with the FT-X2
Communication Transformer (which
is also a surface mount transformer).
The FT 5000 Smart Transceiver can
also be used with the FT-X1 and FT-X2
Communication Transformers.
Backward Compatibility
The FT 5000 Smart Transceiver is fully
compliant with the TP/FT-10 channel
and can communicate with devices
that use Echelon’s FTT-10/FTT-10A
Transceivers, FT 3120/FT 3150 Smart
Transceivers, or LPT-10/LPT-11 Link Power
Transceivers.
The Neuron Core in the FT 5000 Smart
Transceiver uses the same instruction
set and architecture as the previous-
generation Neuron Core, with two new
additional instructions for hardware
multiplication and division. The Series
5000 Neuron Core is source code
compatible with applications written
for the Series 3100 Neuron Core.
Applications written for the Series
3100 Neuron Core must be recompiled
with the NodeBuilder® FX Development
Tool or the Mini FX Evaluation Kit before
they can be used with the FT 5000
Smart Transceiver.
The FT 5000 Smart Transceiver uses
Neuron firmware version 19. Firmware
versions prior to version 19 are not
compatible with the FT 5000 Smart
• Compliant with TP/FT-10 channels
using FT 3120®/FT 3150® Smart
Transceivers and FTT-10/FTT-10A/
LPT-10/LPT-11 Transceivers.
• 12 I/O pins with 35 programmable
standard I/O models.
• Supports up to 42KB of application
code space.
• 64KB RAM (44KB user-accessible)
and 16KB ROM on-chip memories.
• Unique 48-bit Neuron ID in every
device for network installation and
management.
• Very high common-mode noise
immunity.
• -40°C to +85°C operating tempera-
ture range.
Description
The FT 5000 Smart Transceiver includes
three independent 8-bit logical processors
to manage the physical MAC layer, the
network, and the user application. These
are called the Media-Access Control (MAC)
processor, the network (NET) processor,
and the application (APP) processor,
respectively (see Figure 1). At higher
system clock rates, there is also a fourth
processor to handle interrupts.
I / O
Comm
Port
External
Transformer
JTAG
5
Clock, Reset,
and Service
IRQ CPU
APP CPU
NET CPU
MAC CPU
Serial
Memory
Interface
NVM
(SPI or I2C)
ROM
(16K x 8)
RAM
(64K x 8)
/
/
12
2-6
2
/
Figure 1: FT 5000 Smart Transceiver Chip
The FT 5000 Smart Transceiver supports
polarity-insensitive cabling using a star,
bus, daisy-chain, loop, or combination
topology (see Figure 2). Thus, installers
don’t have to follow a strict set of wiring
rules imposed by other networking
technologies. Instead, they can install
wiring in the fastest and most cost-
effective manner, thereby saving time
and money. Free topology wiring also
simplifies network expansion by eliminating
restrictions on wire routing, splicing, and
device placement.
®
Transceiver. The Neuron firmware is
pre-programmed into the on-chip ROM.
The FT 5000 Smart Transceiver can also
be configured to read newer firmware
from external memories, allowing the
firmware to be upgraded over time.
Enhanced Performance
Faster system clock. The internal
system clock for the FT 5000 Smart
Transceiver can be user-configured to
run from 5MHz to 80MHz. The required
external crystal provides a 10MHz clock
frequency, and an internal PLL boosts
the frequency to a maximum of 80MHz
as the internal system clock speed. The
previous-generation Neuron 3120/3150
Core divided the external oscillator
frequency by two to create the internal
system clock. An FT 5000 Smart
Transceiver running with an 80MHz
internal system clock is thus 16 times
faster than a 10MHz Neuron 3120/3150
Core running.
The 5MHz internal system clock mode in
the FT 5000 Smart Transceiver provides
backward compatibility to support
timing-critical applications designed
for the 10MHz FT 3150 or FT 3120 Smart
Transceiver.
The Neuron Core inside the FT 5000
Smart Transceiver includes a built-
in hardware multiplier and divider to
increase the performance of arithmetic
operations.
Support for more network variables.
Because it uses Neuron firmware version
19, the FT 5000 Smart Transceiver
supports applications with up to 254
network variables and 127 aliases for
Neuron hosted devices (devices without
a host microprocessor). A Series 3100
Neuron Chip or Smart Transceiver with
Neuron firmware version 15 or earlier
supports up to 62 network variables and
62 aliases for Neuron hosted devices.
Series 3100 chips with Neuron firmware
version 16 or later support up to 254
network variables. You must use the
NodeBuilder FX Development Tool to
take advantage of 254 network variables.
Interrupts. The FT 5000 Smart
Transceiver lets developers define
application interrupts to handle
asynchronous events triggered by
selected state changes on any of
the 12 I/O pins, by on-chip hardware
timer-counter units, or by an on-chip
high-performance hardware system
timer. An application uses the Neuron C
interrupt() clause to define the interrupt
condition and the interrupt task that
handles the condition. The Neuron
C program runs the interrupt task
www.echelon.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com