Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX533BCEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX533BCEE
Description  2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX533BCEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX533BCEE Datasheet HTML 1Page - Maxim Integrated Products MAX533BCEE Datasheet HTML 2Page - Maxim Integrated Products MAX533BCEE Datasheet HTML 3Page - Maxim Integrated Products MAX533BCEE Datasheet HTML 4Page - Maxim Integrated Products MAX533BCEE Datasheet HTML 5Page - Maxim Integrated Products MAX533BCEE Datasheet HTML 6Page - Maxim Integrated Products MAX533BCEE Datasheet HTML 7Page - Maxim Integrated Products MAX533BCEE Datasheet HTML 8Page - Maxim Integrated Products MAX533BCEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2.7V, Low-Power, 8-Bit Quad DAC
with Rail-to-Rail Output Buffers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +3.6V, VREF = 2.5V, AGND = DGND = 0V, RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at VDD = +3V and TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to DGND ..............................................................-0.3V, +6V
VDD to AGND...............................................................-0.3V, +6V
Digital Input Voltage to DGND ....................................-0.3V, +6V
Digital Output Voltage to DGND....................-0.3V, (VDD + 0.3V)
AGND to DGND ..................................................................±0.3V
REF ................................................................-0.3V, (VDD + 0.3V)
OUT_ ...........................................................................-0.3V, VDD
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) .........842mW
QSOP (derate 8.3mW/°C above +70°C) .....................667mW
CERDIP (derate 10.00mW/°C above +70°C) ..............800mW
Operating Temperature Ranges
MAX533 _ C_ E ..................................................0°C to +70°C
MAX533 _ E_ E ...............................................-40°C to +85°C
MAX533 _ MJE .............................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Code = FF hex, RL from 10kΩ to ∞
RL = open
(Note 3)
Code = FF hex
(Note 2)
Code = FF hex, VDD = 2.7V to 3.6V
Code = 00 hex
Guaranteed monotonic (all codes)
Code = 00 hex
Code = 00 hex, VDD = 2.7V to 3.6V
CONDITIONS
LSB
0.25
Load Regulation
V
0VREF
Output Voltage Range
DAC OUTPUTS
dB
-70
AC Feedthrough
dB
-60
Channel-to-Channel Isolation
pF
10
Input Capacitance
k
Ω
322
460
598
Input Resistance
V
0VDD
Input Voltage Range
±1
Bits
8
Resolution
REFERENCE INPUTS
µV/°C
±10
Full-Scale Temperature
Coefficient
LSB
1
Full-Scale Error Supply
Rejection
µV/°C
±10
Zero-Code Temperature
Coefficient
±2
LSB
±1.0
DNL
Differential Nonlinearity (Note 1)
mV
±20
ZCE
Zero-Code Error
LSB
1
Zero-Code-Error Supply
Rejection
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX533B
LSB
INL
Integral Nonlinearity
(Note 1)
Code = FF hex
mV
±30
Full-Scale Error
STATIC ACCURACY
MAX533A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com