Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCLTA-21 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PCLTA-21
Description  PCLTA-21 PCI Network Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCLTA-21 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PCLTA-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers PCLTA-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers PCLTA-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.echelon.com
®
Specifications
Processor
Neuron® 3150® Chip
Processor Input Clock
10MHz
Memory
58Kbytes SRAM
Twisted Pair Network Connector
Models 74501, 74502, 74503: Weidmüller 2-conductor BLZ Series
(Weidmüller Part Number 1526460000)
Model 74504: Weidmüller 3-conductor BLZ Series Plug
(Weidmüller Part Number 1562656000)
Operating Input Current
350mA Max @ 5VDC
PC Bus Interface
Universal 32 bit PCI (3.3V, 5V, 32 bit, 64 bit PCI and PCI-X)
Indicator
Service LED, TX LED, RX LED
Neuron Chip Service Pin Function
Service pin message controlled by host application
Configuration State
Displayed on host
Temperature
Operating
0 to +70° C
Non-operating
-45° to +85° C
Humidity
Operating (Non-condensing)
25 to 90%RH @ 70° C
Non-operating (24 hour, Condensing)
95%RH @ 70°C
Shock and Vibration
ETSI300 019-2-3 T3.2
Dimensions (excluding card edge fingers)
2.54" (9.8cm) H x 4.72" (13.2cm) L
EMI
FCC Part 15 Level B and EN55022 Level B
Immunity
EN55024,1998
EN61000-4-2,1995, Electrostatic Discharge 4kV Contact, 8kV air
EN61000-4-3,1997, Radiated Immunity, 3V/m
EN61000-4-4: , 1995, Electrical Fast Transient Burst, 1kV Power, 0.5kV I/O
EN61000-4-5, 1995, Surge, 2kV Common Mode, 1kV Differential
EN61000-4-6, 1996, Conducted Immunity, 3V rms
EN61000-4-8, 1994, Magnetic Immunity, 1A/m
EN61000-4-11, 1994, Voltage Dips and Interrupts, > 95%, 30%, >95%
Agency Listings
U.L. 60950, 2000, CSA C22.2 #60950, 2000
EN 60950, 200 Safety for Information Technology Equipment
Documentation
The LonWorks PCLTA-21 network Adapter User’s Guide is provided in PDF format with the driver software or may be downloaded
from Echelon’s web site.
Document
Echelon Part Number
LONWORKS PCLTA-21 Network Adapter User’s Guide
078-0271-01
Ordering Information
Product
Echelon Model Number
PCLTA-21 Adapter - TP/FT-10 Channel
74501, 74501R (RoHS-compliant)
PCLTA-21 Adapter - TP/XF-78 Channel
74502, 74502R (RoHS-compliant)
PCLTA-21 Adapter - TP/XF-1250 Channel
74503, 74503R (RoHS-compliant)
PCLTA-21 Adapter - TP-RS485 Channel
74504, 74504R (RoHS-compliant)
Copyright © 2003-2006, Echelon Corporation. Echelon, LON, LonWorks, LonMark, LonBuilder, NodeBuilder, LonManager, LonTalk, LonUsers, LonPoint, Digital Home, Neuron, 3120, 3150, LNS,
i.LON, LonWorld, ShortStack, Panoramix, LonMaker, the Echelon logo, and the LonUsers logo are trademarks of Echelon Corporation registered in the United States and other countries. LonLink,
LonResponse, LonSupport, LONews, Open Systems Alliance, OpenLDV, Powered by Echelon, LNS Powered by Echelon, Panoramix Powered by Echelon, LonWorks Powered by Echelon, Net-
worked Energy Services Powered by Echelon, NES Powered by Echelon, Digital Home Powered by Echelon, Pyxos, and Thinking Inside the Box are trademarks of Echelon Corporation. Other
trademarks belong to their respective holders.
Disclaimer
Neuron Chips, Free Topology Twisted Pair Transceiver Modules, and other OEM Products were not designed for use in equipment or systems which involve danger to human health or safety or a
risk of property damage and Echelon assumes no responsibility or liability for use of the Neuron Chips or Free Topology Twisted Pair Transceiver Modules in such applications. ECHELON MAKES
AND YOU RECEIVE NO WARRANTIES OR CONDITIONS, EXPRESS, IMPLIED, STATUTORY OR IN ANY COMMUNICATION WITH YOU, AND ECHELON SPECIFICALLY DISCLAIMS ANY IMPLIED
WARRANTY OF MERCHANTABILITY CR FITNESS FOR A PARTICULAR PURPOSE.
003-0383-01C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com