Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX533BC/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX533BC/D
Description  2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX533BC/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX533BC/D Datasheet HTML 7Page - Maxim Integrated Products MAX533BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX533BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX533BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX533BC/D Datasheet HTML 11Page - Maxim Integrated Products MAX533BC/D Datasheet HTML 12Page - Maxim Integrated Products MAX533BC/D Datasheet HTML 13Page - Maxim Integrated Products MAX533BC/D Datasheet HTML 14Page - Maxim Integrated Products MAX533BC/D Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2.7V, Low-Power, 8-Bit Quad DAC
with Rail-to-Rail Output Buffers
______________________________________________________________________________________
11
For this command, the data bits are “Don't Cares.” As
an example, three MAX533s are daisy chained (A, B,
and C), and devices A and C need to be updated. The
36-bit-wide command would consist of one 12-bit word
for device C, followed by an NOP instruction for device
B and a third 12-bit word with data for device A. At
CS’s
rising edge, device B will not change state.
Set DOUT Phase—SCLK Rising (Mode 1)
Mode 1 resets the serial-output DOUT to transition at
SCLK’s rising edge. Once this command is issued,
DOUT’s phase is latched and will not change except on
power-up or if the specific command to set the phase
to falling edge is issued.
This command also loads all DAC registers with the con-
tents of their respective input registers, and is identical to
the “
LDAC” command.
Set DOUT Phase—SCLK Falling (Mode 0, Default)
This command resets DOUT to transition at SCLK’s falling
edge. The same command also updates all DAC registers
with the contents of their respective input registers, identical
to the “
LDAC” command.
LDAC Operation (Hardware)
LDAC is typically used in 4-wire interfaces (Figure 7). This
command is level sensitive, and it allows asynchronous
hardware control of the DAC outputs. With
LDAC low, the
DAC registers are transparent, and any time an input regis-
ter is updated, the DAC output immediately follows.
Clear DACs with
CLR
Strobing the
CLR pin low causes an asynchronous
clear of input and DAC registers and sets all DAC out-
puts to zero. Similar to the
LDAC pin, CLR can be
invoked at any time, typically when the device is not
selected (
CS = H). When the DAC data is all zeros, this
function is equivalent to the “Update all DACs from Shift
Registers” command.
Serial Data Output
DOUT is the internal shift register’s output. DOUT can
be programmed to clock out data on SCLK’s falling
edge (mode 0) or rising edge (mode 1). In mode 0, out-
put data lags input data by 12.5 clock cycles, maintain-
ing compatibility with Microwire and SPI. In mode 1,
output data lags input data by 12 clock cycles. On
power-up, DOUT defaults to mode 0 timing. DOUT
never three-states; it always actively drives either high
or low and remains unchanged when
CS is high.
1
0
1
1
x
x
xx
xxx
x
D0
D1
D2
D3
D4
D5
D6
D7
C0
C1
A0
A1
(
LDAC = x)
A1
A0
C1
C0
D7
D6
D5
D4
D3
D2
D1
D0
x
x
x
x
xxx
x
1
0
1
0
(
LDAC = x)
SCLK
DIN
CS
SK
SO
I/0
MICROWIRE
PORT
MAX533
Figure 4. Connections for Microwire
DIN
SCLK
CS
MOSI
SCK
I/0
SPI/QSPI
PORT
MAX533
CPOL = 0, CPHA = 0
Figure 5. Connections for SPI/QSPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com