Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX536 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX536
Description  Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX536 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX536 Datasheet HTML 16Page - Maxim Integrated Products MAX536 Datasheet HTML 17Page - Maxim Integrated Products MAX536 Datasheet HTML 18Page - Maxim Integrated Products MAX536 Datasheet HTML 19Page - Maxim Integrated Products MAX536 Datasheet HTML 20Page - Maxim Integrated Products MAX536 Datasheet HTML 21Page - Maxim Integrated Products MAX536 Datasheet HTML 22Page - Maxim Integrated Products MAX536 Datasheet HTML 23Page - Maxim Integrated Products MAX536 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Calibrated, Quad, 12-Bit
Voltage-Output DACs with Serial Interface
______________________________________________________________________________________
21
MAX536
MAX537
DAC A
DAC B
DAC C
DAC D
OUTA
2
1
16
15
OUTB
OUTC
OUTD
DGND
AGND
VSS
3
4
6
-5V
REFAB
REFCD
13
14
12
5
REFERENCE INPUTS
+15V (+5V)
NOTE: ( ) ARE FOR MAX537.
VDD
TP
Figure 10. Unipolar Output Circuit
Figure 11. Bipolar Output Circuit
VREF
DAC
OUTPUT
R1
R2
+15V (+5V)
VOUT
–5V
NOTES: ( ) ARE FOR MAX537.
VREF IS THE SELECTED REFERENCE INPUT FOR THE MAX536/MAX537.
R1 = R2 = 10k
Ω 0.1%
MAX536
MAX537
DAC B
OUTB
MAX536/MAX537
10k
15k
REFAB
TP
VDD
VSS
AGND
DGND
6
4
3
-5V
1
14
13
5
+15V
(+5V)
AC
REFERENCE
INPUT
+4V (+750mV)
-4V
(-750mV)
NOTES: ( ) ARE FOR MAX537.
DIGITAL INPUTS NOT SHOWN.
DAC A
OUTA
MAX536/MAX537
REFAB
TP
VDD
VSS
DGND
6
3
-5V
2
14
13
5
NOTES: ( ) ARE FOR MAX537.
DIGITAL INPUTS NOT SHOWN.
+
VIN
-
+
VBIAS
-
AGND
4
+15V (+5V)
Figure 12. AC Reference Input Circuit
Figure 13. AGND Bias Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com