Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78LXXG-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 78LXXG-S08-R
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXG-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  78LXXG-S08-R Datasheet HTML 1Page - Unisonic Technologies 78LXXG-S08-R Datasheet HTML 2Page - Unisonic Technologies 78LXXG-S08-R Datasheet HTML 3Page - Unisonic Technologies 78LXXG-S08-R Datasheet HTML 4Page - Unisonic Technologies 78LXXG-S08-R Datasheet HTML 5Page - Unisonic Technologies 78LXXG-S08-R Datasheet HTML 6Page - Unisonic Technologies 78LXXG-S08-R Datasheet HTML 7Page - Unisonic Technologies 78LXXG-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
78LXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R101-001.R
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VOUT=5~9V
VIN
30
V
VOUT=10~18V
35
Output Current
IOUT
100
mA
Power Dissipation
SOT-89
PD
350
mW
SOT-25
240
mW
SOP-8
300
mW
TO-92/TO-92NL
625
mW
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-55~+150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
For UTC78L05
(VIN=10V, IOUT=40mA, 0°C<TJ<150°C, C1=0.33μF, Co=0.1μF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
4.80
5.0
5.20
V
7V≤VIN≤20V,IOUT=1mA-40mA
4.75
5.25
V
7V≤VIN≤VMAX,IOUT=1mA-70mA
4.75
5.25 V (note 2)
Load Regulation
VOUT
TJ=25°C,IOUT=1mA-100mA
15
60
mV
TJ=25°C,IOUT=1mA-40mA
8
30
mV
Line regulation
VOUT
7V≤VIN≤20V,TJ=25°C
8
150
mV
8V≤VIN≤20V,TJ=25°C
6
100
mV
Quiescent Current
IQ
VIN=10V,IOUT=0mA,TJ=25°C
2.0
5.5
mA
Quiescent Current Change
IQ
8V≤VIN≤20V
1.5
mA
1mA≤VIN≤40mA
0.1
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
40
μV
Temperature coefficient of VOUT
VO/T
IOUT=5mA
-0.65
mV/°C
Ripple Rejection
RR
8V≤VIN≤20V,f=120Hz,TJ=25°C
41
80
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L06
(VIN=12V, IOUT=40mA, 0°C<TJ<150°C, C1=0.33μF, Co=0.1μF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
5.76
6.0
6.24
V
8.5V≤VIN≤20V,IOUT=1mA-40mA
5.70
6.30
V
8.5V≤VIN≤VMAX, IOUT=1mA-70mA
5.70
6.30
V(note 2)
Load Regulation
∆VOUT
TJ=25°C,IOUT=1mA-100mA
16
80
mV
TJ=25°C,IOUT=1mA-40mA
9
40
mV
Line regulation
∆VOUT
8.5V≤VIN≤20V,TJ=25°C
64
175
mV
9V≤VIN≤20V,TJ=25°C
54
125
mV
Quiescent Current
IQ
VIN=12V,IOUT=0mA,TJ=25°C
3.9
6.0
mA
Quiescent Current Change
∆IQ
9V≤VIN≤20V
1.5
mA
1mA≤VIN≤40mA
0.1
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
49
μV
Temperature coefficient of VOUT
∆VO/∆T
IOUT=5mA
-0.75
mV/°C
Ripple Rejection
RR
10V≤VIN≤20V,f=120Hz, TJ=25°C
40
46
dB
Dropout Voltage
VD
TJ=25°C
1.7
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com