Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1335 Datasheet(PDF) 33 Page - Seiko Instruments Inc

Part # S1335
Description  HIGH RIPPLE-REJECTION SOFT-START FUNCTION
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1335 Datasheet(HTML) 33 Page - Seiko Instruments Inc

Back Button S1335 Datasheet HTML 29Page - Seiko Instruments Inc S1335 Datasheet HTML 30Page - Seiko Instruments Inc S1335 Datasheet HTML 31Page - Seiko Instruments Inc S1335 Datasheet HTML 32Page - Seiko Instruments Inc S1335 Datasheet HTML 33Page - Seiko Instruments Inc S1335 Datasheet HTML 34Page - Seiko Instruments Inc S1335 Datasheet HTML 35Page - Seiko Instruments Inc S1335 Datasheet HTML 36Page - Seiko Instruments Inc S1335 Datasheet HTML 37Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_00
S-1335 Series
Seiko Instruments Inc.
33
4. Discharge shunt function (S-1335 Series A / B / E / F / J / K type)
The S-1335 Series A / B / E / F / J / K type has a built-in discharge shunt circuit to discharge the output capacitance.
The output capacitance is discharged as follows so that the VOUT pin reaches the VSS level.
(1) The ON / OFF pin is set to OFF level.
(2) The output transistor is turned off.
(3) The discharge shunt circuit is turned on.
(4) The output capacitor discharges.
Since the S-1335 Series C / D / G / H / L / M type does not have a discharge shunt circuit, the VOUT pin is set to the
VSS level through several hundred k
Ω internal divided resistors between the VOUT pin and the VSS pin. The S-1335
Series A / B / E / F / J / K type allows the VOUT pin to reach the VSS level rapidly due to the discharge shunt circuit.
Output transistor: OFF
ON / OFF pin: OFF
VIN
ON / OFF
VSS
ON / OFF circuit
Discharge shunt circuit
: ON
VOUT
*1
*1. Parasitic diode
Current flow
GND
*1
S-1335 Series A / B / E / F / J / K type
Output
capacitor
(CL)
Figure 29
5. Pull-down resistor (S-1335 Series A / C / E / G / J / L type)
The ON / OFF pin is internally pulled down to the VSS pin in the floating status, so the VOUT pin is set to the VSS
level.
Note that the IC’s current consumption increases as much as current flows into the pull-down resistor of 2.2 M
Ω typ.
when the ON / OFF pin is connected to the VIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com