Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5409EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5409EEE
Description  Dual, Audio, Log Taper Digital Potentiometers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5409EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5409EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5409EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5409EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5409EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5409EEE Datasheet HTML 9Page - Maxim Integrated Products MAX5409EEE Datasheet HTML 10Page - Maxim Integrated Products MAX5409EEE Datasheet HTML 11Page - Maxim Integrated Products MAX5409EEE Datasheet HTML 12Page - Maxim Integrated Products MAX5409EEE Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Chip Information
TRANSISTOR COUNT: 12,875
PROCESS: BiCMOS
Dual, Audio, Log Taper Digital Potentiometers
10
______________________________________________________________________________________
MAX5408–
MAX5411
MAX5408–
MAX5411
MAX5408–
MAX541
SDIN
SCLK
CS
DOUT
SDIN
SCLK
CS
DOUT
SDIN
SCLK
CS
DOUT
CS
SCLK
SDIN
MAX5408–
MAX5411
W0A
W1A
L0
L1
H0
H1
VOUT0
VOUT1
VIN0
VIN1
Figure 6. Gain Control
Figure 5. Daisy-Chaining of Serial Interfaces
Ordering Information (continued)
PART
TEMP RANGE
PIN-
PACKAGE
WIPERS PER
RESISTOR
MAX5409ETE
-40
°C to +85°C 16 Thin QFN
2
MAX5410EEE -40
°C to +85°C 16 QSOP
1
MAX5410ETE
-40
°C to +85°C 16 Thin QFN
1
MAX5411EEE -40
°C to +85°C 16 QSOP
2
MAX5411ETE
-40
°C to +85°C 16 Thin QFN
2
Power-On Reset
The power-on reset (POR) feature sets all the wipers to
the maximum attenuation (tap position 31, -62dB) at
power-up. If either VDD or VLOGIC is zero volts, a power-
on reset intiates when one of the supplies is brought
back to the operating voltage.
Mute Function
When mute is enabled, the wipers go to -90dB attenua-
tion. When mute is disabled, the wiper returns to its
position before mute was enabled. All wipers can be
muted simultaneously or independently.
Applications Information
Attenuation Control
Figure 3 shows the application of an attenuation control.
The op amps are connected in a follower configuration
with a fixed gain. The digitally controlled potentiometer
attenuates the input signal.
Stereo Volume Control
Figure 4 shows the application of stereo volume con-
trol using MAX5409/MAX5411. The op amps are con-
nected in a follower configuration with fixed gain. The
digitally controlled potentiometer attenuates the input
signals. The second wiper of each potentiometer con-
trols the signal amplitude at the rear set of speakers.
Daisy-Chaining
Figure 5 shows an application daisy-chaining the
serial-interfaces of the MAX5408–MAX5411. A single-
write command updates multiple devices from a single
digital port in this configuration (see Digital Serial
Interface section).
Gain Control
Figure 6 shows the application of a gain control.
Note: Muting the potentiometer creates unpredictable
behavior at the output of the op amp, and may seriously
degrade the performance of the op amp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com