Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1206 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S1206
Description  ULTRA LOW CURRENT CONSUMPTION AND
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1206 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S1206 Datasheet HTML 9Page - Seiko Instruments Inc S1206 Datasheet HTML 10Page - Seiko Instruments Inc S1206 Datasheet HTML 11Page - Seiko Instruments Inc S1206 Datasheet HTML 12Page - Seiko Instruments Inc S1206 Datasheet HTML 13Page - Seiko Instruments Inc S1206 Datasheet HTML 14Page - Seiko Instruments Inc S1206 Datasheet HTML 15Page - Seiko Instruments Inc S1206 Datasheet HTML 16Page - Seiko Instruments Inc S1206 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_00
S-1206 Series
Seiko Instruments Inc.
13
Precautions
• Wiring patterns for the VIN pin, the VOUT pin and GND should be designed so that the impedance is low. When
mounting an output capacitor between the VOUT pin and the VSS pin (CL) and a capacitor for stabilizing the input
between the VIN pin and the VSS pin (CIN), the distance from the capacitors to these pins should be as short as
possible.
• Note that generally the output voltage may increase when a series regulator is used at low load current (10 μA or less).
• Note that generally the output voltage may increase due to the leakage current from an output driver when a series
regulator is used at high temperature.
• Generally a series regulator may cause oscillation, depending on the selection of external parts. The following
conditions are recommended for the S-1206 Series. However, be sure to perform sufficient evaluation under the
actual usage conditions for selection, including evaluation of temperature characteristics. Refer to “5. Equivalent
Series Resistance vs. Output Current Characteristics Example (Ta = 25
°C)” in “ Reference Data” for the
equivalent series resistance (RESR) of the output capacitor.
Input capacitor (CIN):
0.1
μF or more
Output capacitor (CL):
0.1
μF or more
Use an I/O capacitor with good temperature characteristics (conforming to the ceramic capacitor EIA X5R (JIS B)
characteristics).
• The voltage regulator may oscillate when the impedance of the power supply is high and the input capacitance is small
or an input capacitor is not connected.
• If the output capacitance is small, power supply's fluctuation and the characteristics of load fluctuation become worse.
Sufficiently evaluate the output voltage's fluctuation with the actual device.
• Overshoot may occur in the output voltage momentarily if the voltage is rapidly raised at power-on or when the power
supply fluctuates. Sufficiently evaluate the output voltage at power-on with the actual device.
• The application conditions for the input voltage, the output voltage, and the load current should not exceed the package
power dissipation.
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in electrostatic
protection circuit.
• In determining the output current, attention should be paid to the output current value specified in Table 6 in “
Electrical Characteristics
” and footnote *5 of the table.
• SII claims no responsibility for any disputes arising out of or in connection with any infringement by products including
this IC of patents owned by a third party.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com