Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5411EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5411EEE
Description  Dual, Audio, Log Taper Digital Potentiometers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5411EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5411EEE Datasheet HTML 1Page - Maxim Integrated Products MAX5411EEE Datasheet HTML 2Page - Maxim Integrated Products MAX5411EEE Datasheet HTML 3Page - Maxim Integrated Products MAX5411EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5411EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5411EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5411EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5411EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5411EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Dual, Audio, Log Taper Digital Potentiometers
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VDD = +3V (MAX5408/MAX5409), VDD = +5V (MAX5410/MAX5411), DOUT = floating)
0
15
10
5
20
25
30
35
40
45
50
2.5
3.5
3.0
4.0
4.5
5.0
5.5
LOGIC CURRENT
vs. LOGIC VOLTAGE
LOGIC SUPPLY VOLTAGE (V)
ACTIVE MODE
SCLK = 2MHz, O to VLOGIC
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VDD (V)
ZERO-CROSSING DETECTION DISABLED
ACTIVE
STANDBY
Pin Description
PIN
MAX5408/
MAX5410 (QFN)
MAX5408/
MAX5410 (QSOP)
MAX5409/
MAX5411 (QFN)
MAX5409/
MAX5411 (QSOP)
NAME
FUNCTION
1
3
1
3
SCLK
Serial Clock Input
24
2
4
CS
Chip-Select Input
3
5
3
5
H0
High Terminal of Resistor 0
4
6
4
6
L0
Low Terminal of Resistor 0
5
7
5
7
W0A
Wiper Terminal A of Resistor 0
——
6
8
W0B
Wiper Terminal B of Resistor 0
——
7
9
W1B
Wiper Terminal B of Resistor 1
8
10
8
10
W1A
Wiper Terminal A of Resistor 1
9
11
9
11
L1
Low Terminal of Resistor 1
10
12
10
12
H1
High Terminal of Resistor 1
11
13
11
13
AGND
Analog Ground
12
14
12
14
GND
Ground
13
15
13
15
VLOGIC
Digital Logic Power Supply
14
16
14
16
VDD
Analog Power Supply
15
1
15
1
DOUT
Serial Data Output
16
2
16
2
DIN
Serial Data Input
6, 7
8, 9
——
N.C.
No Connection. Not internally connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com