Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX538 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX538
Description  5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX538 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX538 Datasheet HTML 3Page - Maxim Integrated Products MAX538 Datasheet HTML 4Page - Maxim Integrated Products MAX538 Datasheet HTML 5Page - Maxim Integrated Products MAX538 Datasheet HTML 6Page - Maxim Integrated Products MAX538 Datasheet HTML 7Page - Maxim Integrated Products MAX538 Datasheet HTML 8Page - Maxim Integrated Products MAX538 Datasheet HTML 9Page - Maxim Integrated Products MAX538 Datasheet HTML 10Page - Maxim Integrated Products MAX538 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
+5V, Low-Power, Voltage-Output,
Serial 12-Bit DACs
_______________________________________________________________________________________
7
____________________________Typical Operating Characteristics (continued)
(VDD = +5V, VREFIN = 2.048V, TA = +25°C, unless otherwise noted.)
20
-30
1
MAX531
GAIN AND PHASE vs. FREQUENCY
-10
10
FREQUENCY (kHz)
10
100
0
-20
800
-180
0
180
GAIN
PHASE
RFB CONNECTED TO AGND (G=2)
RFB CONNECTED TO VOUT (G=1)
2.0520
2.0490
0
5.0
MAX531 REFERENCE OUTPUT VOLTAGE
vs. REFERENCE LOAD CURRENT
2.0495
2.0515
REFERENCE LOAD CURRENT (mA)
3.0
2.0505
2.0500
1.0
2.0
4.0
2.0510
0.5
1.5
2.5
3.5
4.5
VDD = ±5V, VREFIN = 2V, BIPOLAR CONFIGURATION
A: CS RISING EDGE, 5V/div
B: VOUT, NO LOAD, 1V/div
A
B
NEGATIVE SETTLING TIME (MAX531)
5
µs/div
DIGITAL FEEDTHROUGH
A
B
CS = HIGH
A: DIN = 4Vp-p, 100kHz
B: VOUT, 10mV/div
2
µs/div
A
B
POSITIVE SETTLING TIME (MAX531)
VDD = ±5V, VREFIN = 2V, BIPOLAR CONFIGURATION
A: CS RISING EDGE, 5V/div
B: VOUT, NO LOAD, 1V/div
5
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com