Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985-50DBVRG4 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985-50DBVRG4
Description  150-mA Low-noise Low-dropout Regulator With Shutdown
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-50DBVRG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2985-50DBVRG4 Datasheet HTML 9Page - Texas Instruments LP2985-50DBVRG4 Datasheet HTML 10Page - Texas Instruments LP2985-50DBVRG4 Datasheet HTML 11Page - Texas Instruments LP2985-50DBVRG4 Datasheet HTML 12Page - Texas Instruments LP2985-50DBVRG4 Datasheet HTML 13Page - Texas Instruments LP2985-50DBVRG4 Datasheet HTML 14Page - Texas Instruments LP2985-50DBVRG4 Datasheet HTML 15Page - Texas Instruments LP2985-50DBVRG4 Datasheet HTML 16Page - Texas Instruments LP2985-50DBVRG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
VOUT
VIN
Schottky
LP2985
VOUT
VIN
LP2985
www.ti.com
SLVS522O – JULY 2004 – REVISED JANUARY 2015
Application Information (continued)
8.1.3.2 Output Capacitor (COUT)
As an advantage over other regulators, the LP2985 permits the use of low-ESR capacitors at the output,
including ceramic capacitors that can have an ESR as low as 5 m
Ω. Tantalum and film capacitors also can be
used if size and cost are not issues. The output capacitor also should be located within 1 cm of the output pin
and be returned to a clean analog ground.
As with other PNP LDOs, stability conditions require the output capacitor to have a minimum capacitance and an
ESR that falls within a certain range.
•
Minimum COUT: 2.2 μF (can be increased without limit to improve transient response stability margin)
•
ESR range: see Figure 18 through Figure 20
It is critical that both the minimum capacitance and ESR requirement be met over the entire operating
temperature range. Depending on the type of capacitors used, both these parameters can vary significantly with
temperature (see capacitor characteristics).
8.1.3.3 Noise Bypass Capacitor (CBYPASS)
The LP2985 allows for low-noise performance with the use of a bypass capacitor that is connected to the internal
bandgap reference via the BYPASS pin. This high-impedance bandgap circuitry is biased in the microampere
range and, thus, cannot be loaded significantly, otherwise, its output – and, correspondingly, the output of the
regulator – changes. Thus, for best output accuracy, dc leakage current through CBYPASS should be minimized as
much as possible and never should exceed 100 nA.
A 10-nF capacitor is recommended for CBYPASS. Ceramic and film capacitors are well suited for this purpose.
8.1.3.4 Reverse Input-Output Voltage
There is an inherent diode present across the PNP pass element of the LP2985.
With the anode connected to the output, this diode is reverse biased during normal operation, since the input
voltage is higher than the output. However, if the output is pulled higher than the input for any reason, this diode
is forward biased and can cause a parasitic silicon-controlled rectifier (SCR) to latch, resulting in high current
flowing from the output to the input. Thus, to prevent possible damage to the regulator in any application where
the output may be pulled above the input, or the input may be shorted to ground, an external Schottky diode
should be connected between the output and input. With the anode on output, this Schottky limits the reverse
voltage across the output and input pins to
∼0.3 V, preventing the regulator’s internal diode from forward biasing.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com