Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX545BEPD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX545BEPD
Description  5V, Serial-Input, Voltage-Output, 14-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX545BEPD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX545BEPD Datasheet HTML 1Page - Maxim Integrated Products MAX545BEPD Datasheet HTML 2Page - Maxim Integrated Products MAX545BEPD Datasheet HTML 3Page - Maxim Integrated Products MAX545BEPD Datasheet HTML 4Page - Maxim Integrated Products MAX545BEPD Datasheet HTML 5Page - Maxim Integrated Products MAX545BEPD Datasheet HTML 6Page - Maxim Integrated Products MAX545BEPD Datasheet HTML 7Page - Maxim Integrated Products MAX545BEPD Datasheet HTML 8Page - Maxim Integrated Products MAX545BEPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
+5V, Serial-Input, Voltage-Output, 14-Bit DACs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V ± 5%, VREF = +2.5V, AGND = DGND = 0, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to DGND ...........................................................-0.3V to +6V
CS, SCLK, DIN, LDAC to DGND ..............................-0.3V to +6V
REF, REFF, REFS to AGND ........................-0.3V to (VDD + 0.3V)
AGND, AGNDF, AGNDS to DGND .......................-0.3V to +0.3V
OUT, INV to AGND DGND .......................................-0.3V to VDD
RFB to AGND DGND...................................................-6V to +6V
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) .....727mW
8-Pin SO (derate 5.88mW/°C above +70°C) .................471mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C) ...800mW
14-Pin SO (derate 8.33mW/°C above +70°C) ...............667mW
14-Pin Ceramic SB (derate 10.00mW/°C above +70°C...800mW
Operating Temperature Ranges
MAX544 _C_ A/MAX545_C_D ..............................0°C to +70°C
MAX544 _E_ A/MAX545_E_D............................-40°C to +85°C
MAX545BMJD .................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
MAX545, bipolar mode
Unipolar mode
(Note 3)
4.75V
≤ VDD ≤ 5.25V
MAX545
Ratio error
VDD = 5V
RFB/RINV
(Note 2)
CONDITIONS
k
Ω
9.0
RREF
Reference Input Resistance
(Note 4)
11.5
V
2.0
3.0
VREF
Reference Input Range
PSR
Power-Supply Rejection
LSB
±1.0
ppm/°C
±0.5
BZSTC
Bipolar Zero Tempco
±10
±0.03
Bipolar Resistor Matching
1.0
ROUT
DAC Output Resistance
k
Ω
6.25
±0.15
±0.5
Bits
14
N
Resolution
ppm/°C
±0.1
Gain-Error Tempco
LSB
Gain Error (Note 1)
±5
ppm/°C
±0.05
ZSTC
Zero-Code Tempco
LSB
INL
Integral Nonlinearity
±0.6
Zero-Code Offset Error
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ZSE
mV
MAX54_A
Bipolar Zero Offset Error
CL = 10pF (Note 5)
25
V/µs
SR
Voltage-Output Slew Rate
DYNAMIC PERFORMANCE—ANALOG SECTION (RL =
∞, unipolar mode)
To ±1/2LSB of FS, CL = 10pF
1
µs
Output Settling Time
Major-carry transition
10
nVs
DAC Glitch Impulse
Code = 0000 hex; CS = VDD; LDAC = 0V;
SCLK, DIN = 0V to VDD levels
10
nVs
Digital Feedthrough
Guaranteed monotonic
LSB
±0.15
±0.9
DNL
Differential Nonlinearity
STATIC PERFORMANCE—ANALOG SECTION (RL =
∞)
REFERENCE INPUT
MAX545
MAX54_B
±0.15
±1
LSB
%
MAX545



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com