Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX550AC/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX550AC/D
Description  2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX550AC/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX550AC/D Datasheet HTML 4Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 5Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 6Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 7Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 8Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 9Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 10Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 11Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
function. Data is clocked in starting with unassigned bit
1 (UB1), followed by the remaining control bits and the
DAC data byte. The data byte’s LSB (D0) is the last bit
clocked into the input register (Figure 2).
Table 5 is an example of a 16-bit input word that per-
forms the following functions:
• Loads 80 hex (128 decimal) into the DAC input regis-
ter (DAC A for the MAX548A/MAX549A)
• Updates the DAC register(s) on CS’s rising edge.
Table 6 shows how to calculate the output voltage
based on the input code. Figure 3 gives detailed timing
information.
+2.5V to +5.5V, Low-Power, Single/Dual,
8-Bit Voltage-Output DACs in µMAX Package
8
_______________________________________________________________________________________
DIN
SCLK
1
8
9
16
LDAC
MAX548A/
MAX550A
ONLY
UB1 UB2 UB3 C2
C1
C0
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
OPTIONAL
PAUSE
CS
INSTRUCTION
EXECUTED
Figure 2. Serial-Interface Timing Diagram
CS
SCLK
DIN
tDS
tDH
tCL
tCH
tCSS0
tCSH0
tLDAC
tCSW
tCSH1
tCSS1
tCSLD
LDAC
Figure 3. Detailed Serial-Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com