Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5821 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5821
Description  Dual, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5821 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5821 Datasheet HTML 1Page - Maxim Integrated Products MAX5821 Datasheet HTML 2Page - Maxim Integrated Products MAX5821 Datasheet HTML 3Page - Maxim Integrated Products MAX5821 Datasheet HTML 4Page - Maxim Integrated Products MAX5821 Datasheet HTML 5Page - Maxim Integrated Products MAX5821 Datasheet HTML 6Page - Maxim Integrated Products MAX5821 Datasheet HTML 7Page - Maxim Integrated Products MAX5821 Datasheet HTML 8Page - Maxim Integrated Products MAX5821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Dual, 10-Bit, Low-Power, 2-Wire, Serial
Voltage-Output DAC
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.5V, GND = 0, VREF = VDD, RL = 5k
Ω, CL = 200pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at VDD = +5V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Hysteresis
0.05
✕
VDD
V
Input Leakage Current
Digital inputs = 0 or VDD
±0.1
±1µA
Input Capacitance
6pF
DIGITAL OUTPUT (SDA)
Output Logic Low Voltage
VOL
ISINK = 3mA
0.4
V
Three-State Leakage Current
IL
Digital inputs = 0 or VDD
±0.1
±1µA
Three-State Output Capacitance
6pF
DYNAMIC PERFORMANCE
Voltage-Output Slew Rate
SR
0.5
V/µs
Voltage-Output Settling Time
To 1/2LSB code 100 hex to 300 hex or
300 hex to 100 hex (Note 5)
412
µs
Digital Feedthrough
Code = 000 hex, digital inputs from 0 to VDD
0.2
nV-s
Digital-to-Analog Glitch Impulse
Major carry transition (code = 1FF hex to 200
hex and 200 hex to 1FF hex)
12
nV-s
DAC-to-DAC Crosstalk
2.4
nV-s
POWER SUPPLIES
Supply Voltage Range
VDD
2.7
5.5
V
All digital inputs at 0 or VDD = 3.6V
115
205
Supply Current with No Load
IDD
All digital inputs at 0 or VDD = 5.5V
135
215
µA
Power-Down Supply Current
IDDPD
All digital inputs at 0 or VDD = 5.5V
0.3
1
µA
TIMING CHARACTERISTICS (FIGURE 1)
Serial Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
µs
START Condition Hold Time
tHD,STA
0.6
µs
SCL Pulse Width Low
tLOW
1.3
µs
SCL Pulse Width High
tHIGH
0.6
µs
Repeated START Setup Time
tSU,STA
0.6
µs
Data Hold Time
tHD,DAT
0
0.9
µs
Data Setup Time
tSU,DAT
100
ns
SDA and SCL Receiving
Rise Time
tr
(Note 5)
0
300
ns
SDA and SCL Receiving
Fall Time
tf
(Note 5)
0
300
ns
SDA Transmitting Fall Time
tf
(Note 5)
20 +
0.1Cb
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com