Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLS3813PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRLS3813PBF
Description  Brushed motor drive applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLS3813PBF Datasheet(HTML) 7 Page - International Rectifier

  IRLS3813PBF Datasheet HTML 1Page - International Rectifier IRLS3813PBF Datasheet HTML 2Page - International Rectifier IRLS3813PBF Datasheet HTML 3Page - International Rectifier IRLS3813PBF Datasheet HTML 4Page - International Rectifier IRLS3813PBF Datasheet HTML 5Page - International Rectifier IRLS3813PBF Datasheet HTML 6Page - International Rectifier IRLS3813PBF Datasheet HTML 7Page - International Rectifier IRLS3813PBF Datasheet HTML 8Page - International Rectifier IRLS3813PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
January 23, 2014
 
IRLS3813PbF
Fig 21. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET® Power MOSFETs
Fig 22a. Unclamped Inductive Test Circuit
R G
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
Fig 23a. Switching Time Test Circuit
Fig 24a. Gate Charge Test Circuit
tp
V(BR)DSS
IAS
Fig 22b. Unclamped Inductive Waveforms
Fig 23b. Switching Time Waveforms
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 24b. Gate Charge Waveform
VD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com